Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC11 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # GC11
Description  Heavy ISONEL: for use to 356째F (180째C), excellent abrasion resistance, our standard coating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

GC11 Datasheet(HTML) 1 Page - Amphenol Corporation

  GC11 Datasheet HTML 1Page - Amphenol Corporation GC11 Datasheet HTML 2Page - Amphenol Corporation GC11 Datasheet HTML 3Page - Amphenol Corporation GC11 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTC Type AB6
Description
NTC Type AB6 thermistor assemblies consist of small
GC (chip-in-glass) or Thermobeads that are welded to
insulated extension leads. The Thermobeads or GC
(chip-in-glass) are hermetically sealed in glass and
have fine diameter 0.0007 in to 0.004 in (0.01778 mm
to 0.1016 mm) platinum alloy leads. The platinum leads
are cut short and welded to insulated extension leads
and the joints are covered in one of several insulation
types, depending upon the application or environment.
The assembly is then ready for insertion into
hypodermic needles, catheters or other small housings
that require extended leads. Any of the Thermobeads
or GC (chip-in-glass) listed in Table I may be used in
a NTC Type AB6 assembly. Please consult the data
shown for specific electrical or mechanical properties
for the thermistor selected.
Thermometrics
Thermobeads and
GCs (Chip-in-Glass)
Applications
Thermobead and GC (chip-in-glass) assemblies are
used where the small thermistor must be further
connected to longer leads, for insertion into deep
wells and cavities, or threading into long tubes. They
may also be used, as is, for applications that require
fast response measure-ments in confined spaces.
With these assemblies, the fast response of the small
thermistor is available without sacrificing ease of
insertion. The added leads and insulation allow the
minute assemblies to be handled in further assembly
operations, such as insertion into catheter lumens.
The same electrical characteristics that apply to the
selected thermistor (resistance value, resistance ratio,
stability) are unaltered in the assembly.
Amphenol
Advanced Sensors


Similar Part No. - GC11

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GC11 AMPHENOL-GC11 Datasheet
67Kb / 4P
Thermometrics Glass Encapsulated NTC Chip Thermistor
GC11 AMPHENOL-GC11 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Texas Instruments
GC1115 TI-GC1115 Datasheet
878Kb / 80P
Crest Factor Reduction Processor
GC1115 TI-GC1115 Datasheet
761Kb / 82P
Crest Factor Reduction Processor
GC1115IZDJ TI-GC1115IZDJ Datasheet
878Kb / 80P
Crest Factor Reduction Processor
More results

Similar Description - GC11

ManufacturerPart #DatasheetDescription
logo
Rohm
RDS070N03 ROHM-RDS070N03 Datasheet
41Kb / 4P
Excellent Resistance to damage from static electricity
logo
List of Unclassifed Man...
GF1000SR ETC2-GF1000SR Datasheet
242Kb / 2P
Excellent slump resistance
GF1500 ETC2-GF1500 Datasheet
393Kb / 2P
Excellent slump resistance
logo
Allied Components Inter...
HCB03 ALLIED-HCB03 Datasheet
639Kb / 1P
Nickel barrier termination for excellent resistance to solder heat
logo
Golledge Electronics Lt...
MCSO6 GOLLEDGE-MCSO6 Datasheet
551Kb / 5P
Excellent shock & vibration resistance
MCSO6FV GOLLEDGE-MCSO6FV Datasheet
551Kb / 4P
Excellent shock & vibration resistance
MCSO6FW GOLLEDGE-MCSO6FW Datasheet
551Kb / 4P
Excellent shock & vibration resistance
MCSO6V GOLLEDGE-MCSO6V Datasheet
550Kb / 4P
Excellent shock & vibration resistance
MCSOFW GOLLEDGE-MCSOFW Datasheet
549Kb / 4P
Excellent shock & vibration resistance
MCSOH GOLLEDGE-MCSOH_18 Datasheet
563Kb / 4P
Excellent shock & vibration resistance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com