Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC11 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # GC11
Description  Heavy ISONEL: for use to 356째F (180째C), excellent abrasion resistance, our standard coating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

GC11 Datasheet(HTML) 2 Page - Amphenol Corporation

  GC11 Datasheet HTML 1Page - Amphenol Corporation GC11 Datasheet HTML 2Page - Amphenol Corporation GC11 Datasheet HTML 3Page - Amphenol Corporation GC11 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type A Insulation
AB6A8
Thermistor is welded to 38 gauge, nickel alloy 200,
bifilar heavy ISONEL insulated extension leads, 6.5 ft
(1.98 m) ±0.5 ft (±0.15 m) long. Liquid epoxy resin web
over weld joints provides some strain relief.
For insertion into plastic tubing or other insulators.
Maximum continuous operating temperature is 221°F
(105ºC).
Type B Insulation
AB6B2
Thermistors welded to 38 gauge, nickel alloy 200,
bifilar, heavy ISONEL insulated extension leads, 6.5
ft (1.98 m) ±1/2 ft (±0.15 m) long. Polyimide sleeve is
epoxied over weld joints and thermistor, for strain relief
and insulation.
For insertion into metal housings or tubings. Bead
covered for maximum strain relief and protection.
Maximum continuous operating temperature is 347°F
(175ºC).
Type D Insulation
AB6D2
Thermistor is welded to 38 gauge, nickel alloy 200,
bifilar, heavy ISONEL insulated extension leads, 6.5
ft (1.98 m) ±0.5 ft (±0.15 m) long. Small web of epoxy
is painted over weld joints for electrical isolation and
strain relief, and a heat sealed mylar sheath covers the
bead.
For fast response times, limited depth of immersion,
and best long term immersion qualities. Maximum
continuous operating temperature is 257°F (125°C).
Type E Insulation
AB6E3
Thermistor is welded to 38 gauge, nickel alloy 200,
bifilar, heavy ISONEL insulated extension leads 6.5
ft (1.98 m) ±0.5 ft (±0.15 m) long. Polyimide sleeve
is epoxied over welds for strain relief and electrical
insulation, multiple conformal dip coatings of liquid
epoxy resin are applied for complete immersibility in
conductive fluids.
For use in applications where fast response, good
strain relief and full immersion are required. Maximum
continuous operating temperature is 221°F (105ºC).
NTC Type AB6
Specifications
0.13 in (3.2 mm) reference
72 in (1830 mm) minimum
D
AB6B4
Thermistor is welded to 38 gauge, nickel alloy 200,
bifilar, heavy ISONEL insulated extension leads, 6.5
ft (1.98 m) ±0.5 ft (±0.15 m) long. Polyimide sleeve is
epoxied over weld joints and up to back of thermistor
bead, for strain relief and electrical insulation.
For insertion into metal housings or tubings with close
tolerances. Bead is exposed as much as possible
for faster response. Maximum continuous operating
temperature is 221°F (105ºC).
Type C Insulation
AB6C8
Thermistor bead is welded to 38 gauge, nickel alloy
200, bifilar, heavy ISONEL insulated extension leads, 6.5
ft (1.98 m) ±0.5 ft (±0.15 m) long. Multiple conformal
dipcoats of liquid epoxy resin are applied for complete
insulation when immersed in fluids.
For use where fastest response times are required and
assembly will be fully immersed in conductive fluids.
Maximum continuous operating temperature is 221°F
(105°C).
0.25 in (6.4 mm) reference
72 in (1830 mm) minimum
D
1.5 in (38 mm) reference
72 in (1830 mm) minimum
D
0.13 in (3.2 mm) reference
72 in (1830 mm) minimum
D
0.25 in (6.4 mm) reference
D
0.13 in (3.2 mm) reference
72 in (1830 mm) minimum
D
0.13 in (3.2 mm) reference
72 in (1830 mm) minimum



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com