Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753L Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8753L
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753L Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8753L Datasheet HTML 9Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 10Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 11Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 12Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 13Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 14Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 15Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 16Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
13
SIGNAL TIMING REQUIREMENTS
SYSTEM CLOCK TIMING
MCLK
t
MCLKL
t
MCLKH
t
MCLKY
Figure 1 System Clock Timing Requirements
Test Conditions
CLKDIV2=0, DCVDD = 1.42V, DBVDD = AVDD = SPKRVDD = PLLVDD = 3.3V, DGND = AGND = PLLGND = 0V, TA = +25
oC,
Slave Mode fs = 48kHz, MCLK = 384fs, 24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
System Clock Timing Information
MCLK System clock cycle time
TMCLKY
54
ns
MCLK duty cycle
TMCLKDS
60:40
40:60
Test Conditions
CLKDIV2=1, DCVDD = 1.42V, DBVDD = AVDD = SPKRVDD = PLLVDD = 3.3V, DGND = AGND = PLLGND = 0V, TA = +25
oC,
Slave Mode fs = 48kHz, MCLK = 384fs, 24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
System Clock Timing Information
MCLK System clock pulse width high
TMCLKL
10
ns
MCLK System clock pulse width low
TMCLKH
10
ns
MCLK System clock cycle time
TMCLKY
27
ns
MODE/GPIO3 AND CSB/GPIO5 LATCH ON POWERUP TIMING
MODE/GPIO3
AVDD/DCVDD
Power-on-Reset
(internal)
CSB/GPIO5
t
puhold
t
pusetup
DBVDD
t
dbpu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com