Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753L Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8753L
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753L Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8753L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 29Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 30Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 31Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 32Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 33Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 34Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 35Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 87 page
background image
Advanced Information
WM8753L
w
AI Rev 3.1 June 2004
32
The ALC function is enabled using the ALCSEL control bits. When enabled, the recording volume can
be programmed between –6dB and –28.5dB (relative to ADC full scale) using the ALCL register bits.
An upper limit for the PGA gain can be imposed by setting the MAXGAIN control bits.
HLD, DCY and ATK control the hold, decay and attack times, respectively:
Hold time is the time delay between the peak level detected being below target and the PGA gain
beginning to ramp up. It can be programmed in power-of-two (2
n) steps, e.g. 2.67ms, 5.33ms,
10.67ms etc. up to 43.7s. Alternatively, the hold time can also be set to zero. The hold time only
applies to gain ramp-up, there is no delay before ramping the gain down when the signal level is
above target.
Decay (Gain Ramp-Up) Time is the time that it takes for the PGA gain to ramp up across 90% of its
range (e.g. from –15B up to 27.75dB). The time it takes for the recording level to return to its target
value therefore depends on both the decay time and on the gain adjustment required. If the gain
adjustment is small, it will be shorter than the decay time. The decay time can be programmed in
power-of-two (2
n) steps, from 24ms, 48ms, 96ms, etc. to 24.58s.
Attack (Gain Ramp-Down) Time is the time that it takes for the PGA gain to ramp down across 90%
of its range (e.g. from 27.75dB down to -15B gain). The time it takes for the recording level to return
to its target value therefore depends on both the attack time and on the gain adjustment required. If
the gain adjustment is small, it will be shorter than the attack time. The attack time can be
programmed in power-of-two (2
n) steps, from 6ms, 12ms, 24ms, etc. to 6.14s.
When operating in stereo, the peak detector takes the maximum of left and right channel peak values,
and any new gain setting is applied to both left and right PGAs, so that the stereo image is preserved.
However, the ALC function can also be enabled on one channel only. In this case, only one PGA is
controlled by the ALC mechanism, while the other channel runs independently with its PGA gain set
through the control register.
When one ADC channel is unused or used for DC measurement, the peak detector disregards that
channel. The ALC function can also operate when the two ADC outputs are mixed to mono in the
digital domain, but not if they are mixed to mono in the analogue domain, before entering the ADCs.
ALCSR is used to set the sample rate for the ALC when the ADC is in voice mode (SRMODE=1).
When ALC is enabled in voice mode the ALCSR bits should be set to match the ADC sample rate as
shown in Table 20.
ADC SAMPLE RATE
ALCSR [3:0]
8kHz
0110
11.025/12kHz
1000
16kHz
1010
22.05kHz
1010
32kHz
1100
48/44/1kHz
0000
88.2/96kHz
1110
Table 20 ADC Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com