Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JI-103C1R2 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # JI-103C1R2
Description  Waterproof to IP68
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

JI-103C1R2 Datasheet(HTML) 1 Page - Amphenol Corporation

  JI-103C1R2 Datasheet HTML 1Page - Amphenol Corporation JI-103C1R2 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thermometrics
Double Insulated
Chip Thermistor with
Insulated Wires
Features
• WaterprooftoIP68
• Withstandsfreeze/thawcycling
• AvailableusinganydeviceintheThermometrics
standardNKandDC95ranges
• Rangeofwirelengths11.81into196.85in
(300mmto5000mm)(dimensionWLonpage2)
• Suitableforrefrigerationapplications,including
evaporators
NTCTypeJI
Amphenol
Advanced Sensors


Similar Part No. - JI-103C1R2

ManufacturerPart #DatasheetDescription
logo
amphenol-sensors
JI-103C1R2-L102 AMPHENOLADVANCEDSENSORS-JI-103C1R2-L102 Datasheet
342Kb / 2P
Overmolded NTC Thermistor NTC Type JI/JIC Waterproof IP68 Temperature Sensor
11/2024
JI-103C1R2-L102 AMPHENOLADVANCEDSENSORS-JI-103C1R2-L102 Datasheet
395Kb / 2P
Thermometrics Overmolded Type JI & JIC NTC Thermistor Waterproof IP68 Temperature Sensor
09/2016
JI-103C1R2-L252 AMPHENOLADVANCEDSENSORS-JI-103C1R2-L252 Datasheet
342Kb / 2P
Overmolded NTC Thermistor NTC Type JI/JIC Waterproof IP68 Temperature Sensor
11/2024
JI-103C1R2-L252 AMPHENOLADVANCEDSENSORS-JI-103C1R2-L252 Datasheet
395Kb / 2P
Thermometrics Overmolded Type JI & JIC NTC Thermistor Waterproof IP68 Temperature Sensor
09/2016
JI-103C1R2-L301 AMPHENOLADVANCEDSENSORS-JI-103C1R2-L301 Datasheet
395Kb / 2P
Thermometrics Overmolded Type JI & JIC NTC Thermistor Waterproof IP68 Temperature Sensor
09/2016
More results

Similar Description - JI-103C1R2

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSWBXX OPTOSUPPLY-OSWBXX Datasheet
313Kb / 3P
LED Waterproof Light, IP68
logo
PowerDynamics, Inc
3352F01010 POWERDYNAMICS-3352F01010 Datasheet
299Kb / 1P
Waterproof RJ45 Coupler (IP68)
3352F21010 POWERDYNAMICS-3352F21010 Datasheet
306Kb / 1P
Waterproof RJ45 Coupler (2nd ed.) IP68
3352G02630 POWERDYNAMICS-3352G02630 Datasheet
342Kb / 1P
Waterproof Cat.5e Coupler (IP68)
3351A-01 POWERDYNAMICS-3351A-01 Datasheet
185Kb / 1P
Waterproof Cap (IP68)
3351F00030 POWERDYNAMICS-3351F00030 Datasheet
325Kb / 1P
Waterproof RJ45 With IDC (IP68)
3351L-01 POWERDYNAMICS-3351L-01 Datasheet
185Kb / 1P
Waterproof Cable Side (IP68)
3352A-02 POWERDYNAMICS-3352A-02 Datasheet
279Kb / 1P
Waterproof Cap with Chain (IP68)
logo
Bel Fuse Inc.
AQUACONN BEL-AQUACONN Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
logo
CamdenBoss Ltd.
CHD7310 CAMDENBOSS-CHD7310 Datasheet
465Kb / 2P
73 Series - IP68 Waterproof Enclosure
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com