Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JI-103C1R2 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # JI-103C1R2
Description  Waterproof to IP68
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

JI-103C1R2 Datasheet(HTML) 2 Page - Amphenol Corporation

  JI-103C1R2 Datasheet HTML 1Page - Amphenol Corporation JI-103C1R2 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TypeJISpecifications
Description
Chipthermistorhousedinatip,whichismoldedonto
flexiblecircularcable.Tipandoutercableinsulation
materialisthermoplasticelastomer.Tinnedcopper
conductorshaveindividualpolyolefininsulation.
Options
• Otherresistance–temperaturecharacteristics
• Otherwirelengths
Data
• Temperaturerange:-40°Fto221°F(-40°Cto105°C)
• Insulationresistance:>100MW at 500 VDC
• Wireconductors:7X0.23mmdiameter(0.30mm2)
• Resistance-temperaturecharacteristics:
RefertoNKandDC95datasheets
Ordering Information
Thecodenumbertobeorderedmaybespecifiedasfollows:
Code
Type
JI
DoubleInsulatedWithInsulatedWires
Code
Type
103C1R2 NK103C1R2
SeeNKorDC95Datasheets
F103W
DC95F103W
Code
Wire Length WL in mm
L301
300±10
L501
500±10
L751
750±20
L102
1000±20
L152
1500±25
L202
2000±25
L252
2500±50
L302
3000±50
L352
3500±50
L402
4000±50
L452
4500±50
L502
5000±50
JI-____-____
Typical model number
Resistancecharacteristicandwirelengtharespecifiedbytheproductcode:e.g.JI103C1R2
orJIF103W
Otherwirelengthsareavailableforquantities>5000piecesasabovewithawiretolerance
at>3.28ft(1m)of+100/-0mm(+3.9in/-0in)
0.197in(5mm)ØMaximum
0.138in(3.5mm)ØMaximum
0.787in(20mm)Nominal
WL
NTC Type JI dimensions
AAS-920-350A-04/2014
www.amphenol-sensors.com
©2014AmphenolCorporation.AllRightsReserved.Specificationsaresubjecttochangewithoutnotice.
Othercompanynamesandproductnamesusedinthisdocumentaretheregisteredtrademarksor
trademarksoftheirrespectiveowners.
Amphenol
Advanced Sensors



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com