Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9210 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC9210
Description  Synchronous Step-Down DC / DC Controller ICs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9210 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC9210 Datasheet HTML 9Page - Torex Semiconductor XC9210 Datasheet HTML 10Page - Torex Semiconductor XC9210 Datasheet HTML 11Page - Torex Semiconductor XC9210 Datasheet HTML 12Page - Torex Semiconductor XC9210 Datasheet HTML 13Page - Torex Semiconductor XC9210 Datasheet HTML 14Page - Torex Semiconductor XC9210 Datasheet HTML 15Page - Torex Semiconductor XC9210 Datasheet HTML 16Page - Torex Semiconductor XC9210 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
(1) Output Voltage vs. Output Current (Continued)
13
XC9210 Series
Synchronous Step-Down DC / DC Controller ICs
FOSC=180kHz, VOUT=3.3V
3.0
3.1
3.2
3.3
3.4
3.5
0.1
1
10
100
1000
10000
Output Current IOUT (mA)
VIN=4.2V 5.0V
L=22uH(CDRH125), CL=94uF(Tantalum)
Tr1:CPH3308, Tr2:CPH3408
Synchronous PWM Control
PWM/PFM Switching Control
Semiconductor Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com