Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9210 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC9210
Description  Synchronous Step-Down DC / DC Controller ICs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9210 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC9210 Datasheet HTML 17Page - Torex Semiconductor XC9210 Datasheet HTML 18Page - Torex Semiconductor XC9210 Datasheet HTML 19Page - Torex Semiconductor XC9210 Datasheet HTML 20Page - Torex Semiconductor XC9210 Datasheet HTML 21Page - Torex Semiconductor XC9210 Datasheet HTML 22Page - Torex Semiconductor XC9210 Datasheet HTML 23Page - Torex Semiconductor XC9210 Datasheet HTML 24Page - Torex Semiconductor XC9210 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
(3) Ripple Voltage vs. Output Current (Continued)
21
XC9210 Series
Synchronous Step-Down DC / DC Controller ICs
FOSC=180kHz, VOUT=1.2V
0
20
40
60
80
100
0.1
1
10
100
1000
10000
Output Current IOUT (mA)
L=22uH(CDRH125), CL=94uF(Tantalum)
Tr1:CPH6315, Tr2:CPH3409
Synchronous PWM Control
VIN=2.7V
3.3V
4.2V
FOSC=180kHz, VOUT=1.2V
0
20
40
60
80
100
0.1
1
10
100
1000
10000
Output Current IOUT (mA)
VIN= 2.7V
L=22uH(CDRH125), CL=94uF(Tantalum)
Tr1:CPH6315, Tr2:CPH3409
3.3V
PWM/PFM Switching Control
4.2V
FOSC=300kHz, VOUT=1.2V
0
20
40
60
80
100
0.1
1
10
100
1000
10000
Output Current IOUT (mA)
L=22uH(CDRH125), CL=94uF(Tantalum)
Tr1:IRLMS6702, Tr2:IRLMS1902
PWM/PFM Switching Control
VIN=2.7V
3.3V
4.2V
FOSC=300kHz, VOUT=1.2V
0
20
40
60
80
100
0.1
1
10
100
1000
10000
Output Current IOUT (mA)
4.2V
VIN=2.7V
Synchronous PWM Control
L=22uH(CDRH125), CL=94uF(Tantalum)
Tr1:IRLMS6702, Tr2:IRLMS1902
FOSC=300kHz, VOUT=5.0V
0
20
40
60
80
100
0.1
1
10
100
1000
10000
Output Current IOUT (mA)
VIN=8.0V
PWM/PFM Switching Control
L=22uH(CDRH125), CL=94uF(Tantalum)
Tr1:IRLMS5703, Tr2:IRLMS1503
10.0V
FOSC=300kHz, VOUT=5.0V
0
20
40
60
80
100
0.1
1
10
100
1000
10000
Output Current IOUT (mA)
VIN=8.0V
Synchronous PWM Control
L=22uH(CDRH125), CL=94uF(Tantalum)
Tr1:IRLMS5703, Tr2:IRLMS1503
10.0V
3.3V
Semiconductor Ltd.
Semiconductor Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com