Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9213 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9213
Description  Driver Transistor Built-In Synchronous Step-Down DC/DC Controller Ics
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9213 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9213 Datasheet HTML 1Page - Torex Semiconductor XC9213 Datasheet HTML 2Page - Torex Semiconductor XC9213 Datasheet HTML 3Page - Torex Semiconductor XC9213 Datasheet HTML 4Page - Torex Semiconductor XC9213 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary
" PIN CONFIGURATION
" PIN ASSIGNMENT
" SELECTION GUIDE
# ORDERING INFORMATION
XC9213B
1 2 3 4 5
Reference Voltage
Fixed
Oscillation Frequency :
300kHz
Package Types :
TSSOP-16
Device Orientation : Embossed Tape, Standard Feed
Device Orientation : Embossed Tape, Reverse Feed
1, 2
SYMBOL
DESCRIPTION
V
R
L
4
5
3
PIN NUMBER
PIN NAME
XC9213 Series
Driver Transistor Built-In
Synchronous Step-Down DC/DC Controller Ics
FUNCTION
Input Voltage : 25V
1
VIN
2
VSENSE
MODE
3VL
4CE
10
FB
7
Local Power Supply
Chip Enable
Analog Ground
PWM / PFM Switch
5
AGND
6
8
CSS
9
VDIN
11
VDOUT
12
PGND
16
BST
High Side Nch Driver Transistor <Connect to Gate of High Side Nch MOSFET >
Bootstrap
Input Voltage
Current Detection
15
EXT1
13
EXT2
14
LX
Low Side Nch Driver Transistor <Connect to Gate of Low Side Nch MOSFET >
Coil Connection
10
3
PART NO.
Protection Time Setting Capacitor Connection
<Set shutdown time of VOUT when detecting overcurrent>
CPRO
Soft-start Capacitor Connection <Set soft-start time>
Voltage Detector Output (Open-Drain)
Power Ground
Output Voltage Setting Resistor Connection < Set output voltage freely by split resistors >
Voltage Detector Input (0.9V)
TSSOP-16
(TOP VIEW)
1
2
8
7
6
5
4
3
16
15
9
10
11
12
13
14
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com