Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9213 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9213
Description  Driver Transistor Built-In Synchronous Step-Down DC/DC Controller Ics
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9213 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9213 Datasheet HTML 1Page - Torex Semiconductor XC9213 Datasheet HTML 2Page - Torex Semiconductor XC9213 Datasheet HTML 3Page - Torex Semiconductor XC9213 Datasheet HTML 4Page - Torex Semiconductor XC9213 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Preliminary
" BLOCK DIAGRAM
" ABSOLUTE MAXIMUM RATINGS
CPRO pin voltage
CPRO
- 0.3 ~ 6.0
V
Driver Transistor Built-In
Synchronous Step-Down DC/DC Controller Ics
Input Voltage : 25V
XC9213 Series
PARAMETER
SYMBOL
RATINGS
UNITS
VIN pin voltage
VDOUT pin voltage
EXT2 pin voltage
VIN
VDOUT
EXT2
- 0.3 ~ 30.0
- 0.3 ~ 30.0
- 0.3 ~ 6.0
Lx pin voltage
VSENSE pin voltage
VL pin voltage
CE pin voltage
MODE pin voltage
CSS pin voltage
VDIN pin voltage
FB pin voltage
EXT1
BST
Topr
EXT1 pin voltage
BST pin voltage
Operational Ambient Temperature
Power Dissipation
Lx
VSENSE
VL
CE
MODE
CSS
VDIN
FB
- 0.3 ~ 30.0
- 0.3 ~ 30.0
- 0.3 ~ 6.0
- 0.3 ~ 30.0
- 0.3 ~ 30.0
- 0.3 ~ 6.0
- 0.3 ~ 6.0
- 0.3 ~ 6.0
- 0.3 ~ 30.0
- 0.3 ~ 30.0
350
O
C
- 40 ~ + 85
V
V
V
V
V
V
V
V
V
V
V
V
V
Storage Temperature
Pd
mW
Tstg
O
C
- 55 ~ + 125
Buffer
Driver
Current
Limit
&
Current
Feedback
+
-
+
Ramp
Generator
PWM
Comparator
Phase
Compensation
Latch
Protection
Circuit
+
-
+
-
UVLO
UVLO Comparator
Vref with
Soft Start
Voltage
Detector
+
-
Error Amp.
Voltage Regulator
Short Protection
Circuit
Mode
Control
Logic
CE
Control
Logic
CE
CPRO
CSS
VDIN
VDOUT
FB
VL
MODE
AGND
PGND
EXT2
LX
EXT1
BST
VSENSE
VIN
Internal Blocks
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com