Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD5.242 Datasheet(PDF) 13 Page - PULS GmbH

Part # CD5.242
Description  DC/DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.242 Datasheet(HTML) 13 Page - PULS GmbH

Back Button CD5.242 Datasheet HTML 9Page - PULS GmbH CD5.242 Datasheet HTML 10Page - PULS GmbH CD5.242 Datasheet HTML 11Page - PULS GmbH CD5.242 Datasheet HTML 12Page - PULS GmbH CD5.242 Datasheet HTML 13Page - PULS GmbH CD5.242 Datasheet HTML 14Page - PULS GmbH CD5.242 Datasheet HTML 15Page - PULS GmbH CD5.242 Datasheet HTML 16Page - PULS GmbH CD5.242 Datasheet HTML 17Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
CD5.242
CD-Series
DC/DC Converter 24V, 5A
14. PROTECTION FEATURES
Output protection
Electronically protected against overload, no-load and short-circuits *)
Output over-voltage protection
typ. 31Vdc
max. 32Vdc
in case of an internal DC/DC converter defect, a redundant
circuit limits the maximum output voltage. The output
shuts down and automatically attempts to restart.
Reverse input polarity protection included
unit does not start when input voltage is reversed
Output over-current protection
electronically limited *)
see Fig. 5-1
Degree of protection
IP 20
EN/IEC 60529
Penetration protection
> 3.5mm
e.g. screws, small parts
Over-temperature protection
yes
output shut-down with automatic restart
Input transient protection
MOV
Metal Oxide Varistor
Internal input fuse
Included
not user replaceable
*)
In case of a protection event, audible noise may occur.
15. SAFETY FEATURES
Classification of output voltage
SELV
IEC/EN 60950-1
PELV
IEC/EN 60204-1, EN 50178, IEC 62477-1, IEC 60364-4-41
Class of protection
III
PE (Protective Earth) connection not required. A
connection of the “Chassis Ground” pin to earth is
recommended for best EMI performance
Isolation resistance
> 5MOhm
input to output, 500Vdc
PE resistance
< 0.1Ohm
between housing and Chassis Ground terminal
Touch current (leakage current)
The leakage current which is produced by the DC/DC converter itself depends on the
input voltage ripple and need to be investigated in the final application.
For a smooth DC input voltage, the produced leakage current is less than 100μA.
*)
provided, that the input voltage meets the requirements of chapter 2.
Mar. 2016 / Rev. 1.5 DS-CD5.242-EN
All parameters are specified at 24V, 5A, 48Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
13/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com