Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD5.242 Datasheet(PDF) 4 Page - PULS GmbH

Part # CD5.242
Description  DC/DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.242 Datasheet(HTML) 4 Page - PULS GmbH

  CD5.242 Datasheet HTML 1Page - PULS GmbH CD5.242 Datasheet HTML 2Page - PULS GmbH CD5.242 Datasheet HTML 3Page - PULS GmbH CD5.242 Datasheet HTML 4Page - PULS GmbH CD5.242 Datasheet HTML 5Page - PULS GmbH CD5.242 Datasheet HTML 6Page - PULS GmbH CD5.242 Datasheet HTML 7Page - PULS GmbH CD5.242 Datasheet HTML 8Page - PULS GmbH CD5.242 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CD5.242
CD-Series
DC/DC Converter 24V, 5A
3. INPUT VOLTAGE
Input voltage
nom.
DC 48V
Input voltage range
36.0-60.0Vdc
full specified
30.5-36.0Vdc
maximal 60 seconds or with de-rating see Fig. 3-2
max.
63.0Vdc
absolute maximum continuous input voltage with no
damage to the DC/DC converter
Allowed voltage between input
and earth
max.
60Vdc or
42.2Vac
in case the output voltage is not grounded.
Allowed input ripple voltage
max.
5Vpp
47Hz-500Hz, the momentary input voltage must always
be within the specified limits.
Turn-on voltage
typ.
34.5Vdc
steady-state value, see Fig. 3-1
Shut-down voltage
typ.
30.5Vdc
steady-state value, see Fig. 3-1
typ.
63.5Vdc
steady-state value, see Fig. 3-1
Input current
typ.
2.75A
at 48Vdc input and output 24V, 5A, see Fig. 3-4
Start-up delay
typ.
670ms
see Fig. 3-3
Rise time
typ.
80ms
0mF, 24V, constant current load 5A, see Fig. 3-3
typ.
150ms
5mF, 24V, constant current load 5A, see Fig. 3-3
Turn-on overshoot
max.
500mV
see Fig. 3-3
Input capacitance
typ.
800μF
external capacitors on the input voltage bus are allowed
without any limitations.
Fig. 3-1 Input voltage range
Fig. 3-2 Allowable output current below 36V
input voltage
V
IN
P
OUT
Rated input range
0
1
2
3
4
6A
30
32
34
36
40Vdc
Input Voltage
Output Current
5
38
(a)
(b)
(a) Ambient < 45°C
(b) Ambient < 60°C
Fig. 3-3 Turn-on behavior, definitions
Fig. 3-4 Input current vs. output load
4/22
Start-up
delay
Rise
Time
6A
- 5%
Output
Voltage
Input
Voltage
1 1.5 2
3
4
0
1
2
3
4A
5
Output Current
2.5
3.5
4.5
5.5
Inp
ut:
48V
dc
Input
Current,
typ.
Inp
ut:
36
Vd
c
Mar. 2016 / Rev. 1.5 DS-CD5.242-EN
All parameters are specified at 24V, 5A, 48Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com