Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.121 Datasheet(PDF) 21 Page - PULS GmbH

Part # CP10.121
Description  SINGLE PHASE INPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.121 Datasheet(HTML) 21 Page - PULS GmbH

Back Button CP10.121 Datasheet HTML 17Page - PULS GmbH CP10.121 Datasheet HTML 18Page - PULS GmbH CP10.121 Datasheet HTML 19Page - PULS GmbH CP10.121 Datasheet HTML 20Page - PULS GmbH CP10.121 Datasheet HTML 21Page - PULS GmbH CP10.121 Datasheet HTML 22Page - PULS GmbH CP10.121 Datasheet HTML 23Page - PULS GmbH CP10.121 Datasheet HTML 24Page - PULS GmbH CP10.121 Datasheet HTML 25Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
CP10.121
CP-Series
12V, 16A, SINGLE PHASE INPUT
24. APPLICATION NOTES
24.1. PEAK CURRENT CAPABILITY
The unit can deliver peak currents (up to several milliseconds) which are higher than the specified short term currents.
This helps to start current demanding loads. Solenoids, contactors and pneumatic modules often have a steady state
coil and a pick-up coil. The inrush current demand of the pick-up coil is several times higher than the steady-state
current and usually exceeds the nominal output current (including the PowerBoost). The same situation applies when
starting a capacitive load.
The peak current capability also ensures the safe operation of subsequent circuit breakers of load circuits. The load
branches are often individually protected with circuit breakers or fuses. In case of a short or an overload in one branch
circuit, the fuse or circuit breaker need a certain amount of over-current to open in a timely manner. This avoids
voltage loss in adjacent circuits.
The extra current (peak current) is supplied by the power converter and the built-in large sized output capacitors of
the power supply. The capacitors get discharged during such an event, which causes a voltage dip on the output. The
following two examples show typical voltage dips:
Fig. 24-1 Peak load with 2x the nominal
current for 50ms, typ.
Fig. 24-2 Peak load with 5x the nominal
current for 5ms, typ.
10ms/DIV
Output
Voltage
Output
Current
12V
0A
32A
8.6V
1ms/DIV
Output
Voltage
Output
Current
12V
0A
80A
7.1V
32A Peak load (resistive) for 50ms
Output voltage dips from 12V to 8.6V.
80A Peak load (resistive) for 5ms
Output voltage dips from 12V to 7.1V.
Fig. 24-3 48A Peak load, typ.
10ms/DIV
Output Voltage
Output Current
0A
12ms
48A
12V
5.8V
Please note: The DC-OK relay triggers when the voltage
dips more than 10% for longer than 1ms.
High Overload Current (typ. 48A for
12ms) enables easy fuse tripping
Peak current voltage dips
typ.
from 12V to 8.6V
at 32A for 50ms, resistive load
typ.
from 12V to 7.4V
at 80A for 2ms, resistive load
typ.
from 12V to 7.1V
at 80A for 5ms, resistive load
Feb. 2016 / Rev. 1.1 DS-CP10.121-EN
All parameters are specified at 12V, 16A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
21/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com