Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.121 Datasheet(PDF) 9 Page - PULS GmbH

Part # CP10.121
Description  SINGLE PHASE INPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.121 Datasheet(HTML) 9 Page - PULS GmbH

Back Button CP10.121 Datasheet HTML 5Page - PULS GmbH CP10.121 Datasheet HTML 6Page - PULS GmbH CP10.121 Datasheet HTML 7Page - PULS GmbH CP10.121 Datasheet HTML 8Page - PULS GmbH CP10.121 Datasheet HTML 9Page - PULS GmbH CP10.121 Datasheet HTML 10Page - PULS GmbH CP10.121 Datasheet HTML 11Page - PULS GmbH CP10.121 Datasheet HTML 12Page - PULS GmbH CP10.121 Datasheet HTML 13Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
CP10.121
CP-Series
12V, 16A, SINGLE PHASE INPUT
10. EFFICIENCY AND POWER LOSSES
AC 100V
AC 120V
AC 230V
Efficiency
typ.
92.1%
92.8%
94.3%
at 12V, 16A
typ.
92.0%
92.7%
94.2%
at 12V, 19.2A (Power Boost)
Average efficiency*)
typ.
91.6%
92.2%
93.3%
25% at 4A, 25% at 8A,
25% at 12A. 25% at 16A
Power losses
typ.
0.5W
0.5W
0.6W
Shut-down activated
typ.
3.1W
3.0W
2.5W
at 12V, 0A
typ.
8.0W
7.8W
6.7W
at 12V, 8A
typ.
16.5W
14.9W
11.6W
at 12V, 16A
typ.
20.0W
18.1W
13.9W
at 12V, 19.2A (Power Boost)
*)
The average efficiency is an assumption for a typical application where the power supply is loaded with 25% of the nominal load for 25%
of the time, 50% of the nominal load for another 25% of the time, 75% of the nominal load for another 25% of the time and with 100%
of the nominal load for the rest of the time.
**) In OFF mode, the unit fulfills the ErP requirements of the European Union.
Fig. 10-1 Efficiency vs. output current at 12V,
typ.
Fig. 10-2 Losses vs. output current at 12V,
typ.
Efficiency
2
4
6
8 10 12
16 18 20A
89
90
91
92
93
94
95%
Output Current
14
(a)
(b)
(c)
(a) 100Vac
(b) 120Vac
(c) 230Vac
Power Losses
0
2
6
8
12 14
20A
4
0
8
12
16
24W
18
20
4
10
16
Output Current
(a)
(b)
(c)
(a) 100Vac
(b) 120Vac
(c) 230Vac
Fig. 10-3 Efficiency vs. input voltage at 12V,
16A, typ.
Fig. 10-4 Losses vs. input voltage at 12V, 16A,
typ.
Efficiency
120
180
230
264Vac
90
91
92
93
Input Voltage
94
95
96%
100
Power Losses
120
180
230
264Vac
8
10
12
14
Input Voltage
16
18
20W
100
Feb. 2016 / Rev. 1.1 DS-CP10.121-EN
All parameters are specified at 12V, 16A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
9/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com