Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.481 Datasheet(PDF) 21 Page - PULS GmbH

Part # CP10.481
Description  SINGLE PHASE INPUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.481 Datasheet(HTML) 21 Page - PULS GmbH

Back Button CP10.481 Datasheet HTML 17Page - PULS GmbH CP10.481 Datasheet HTML 18Page - PULS GmbH CP10.481 Datasheet HTML 19Page - PULS GmbH CP10.481 Datasheet HTML 20Page - PULS GmbH CP10.481 Datasheet HTML 21Page - PULS GmbH CP10.481 Datasheet HTML 22Page - PULS GmbH CP10.481 Datasheet HTML 23Page - PULS GmbH CP10.481 Datasheet HTML 24Page - PULS GmbH CP10.481 Datasheet HTML 25Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
CP10.481
CP-Series
48V, 5.4A, SINGLE PHASE INPUT
22.2. REDUNDANCY MODULES
YR2.DIODE – 2x 10A Inputs, 1x 20A output
The YR2.DIODE is a dual redundancy module, which has two diodes as decoupling devices
included. It can be used for various purposes. The most popular application is to configure
highly reliable and true redundant power supply systems. Another interesting application is
the separation of sensitive loads from non-sensitive loads. This avoids the distortion of the
power quality for the sensitive loads which can cause controller failures.
The YR2.DIODE does not require an additional auxiliary voltage and is self-powered even in
case of a short circuit across the output.
The unit is very slender and only requires 32mm width on the DIN-rail.
YR40.482 – 2x 20A Inputs, 1x 40A output
The YR40.482 is equipped with two input channels, which are individually decoupled by
utilizing MOSFET technology. Using MOSFETs instead of diodes reduces the heat generation
and the voltage drop between input and output. The YR40.482 does not require an
additional auxiliary voltage and is self-powered even in case of a short circuit across the
output.
Due to the low power losses, the unit is very slender and only requires 46mm width on the
DIN-rail.
Fig. 22-1 Typical 1+1 Redundant configuration for 5A
with the YR2.DIODE redundancy module
Fig. 22-2 Typical 1+1 Redundant configuration for 5A
with the YR40.482 MOSFET redundancy module
Failure
Monitor
21/27
48V,5A
Load
I
I
YR2.Diode
Redundancy
Module
+
-
OUT
+
-
IN 1
+
-
IN 2
L N PE
+ +
- - -
CP10.481
Power Supply
48-56V
DC-OK
DC-
OK
L N PE
+ +
- - -
CP10.481
Power Supply
48-56V
DC-OK
DC-
OK
Failure
Monitor
L
N
PE
I
I
48V, 5A
Load
L
N
PE
L N PE
+ +
- - -
CP10.481
Power Supply
48-56V
DC-OK
DC-
OK
L N PE
+ +
- - -
CP10.481
Power Supply
48-56V
DC-OK
DC-
OK
YR40.482
Redundancy
Module
Output
Input
1
Input
2
+
-
+
- + -
Feb. 2016 / Rev. 1.1 DS-CP10.481-EN
All parameters are specified at 48V, 5.4A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com