Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.481 Datasheet(PDF) 1 Page - PULS GmbH

Part # CP10.481
Description  SINGLE PHASE INPUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.481 Datasheet(HTML) 1 Page - PULS GmbH

  CP10.481 Datasheet HTML 1Page - PULS GmbH CP10.481 Datasheet HTML 2Page - PULS GmbH CP10.481 Datasheet HTML 3Page - PULS GmbH CP10.481 Datasheet HTML 4Page - PULS GmbH CP10.481 Datasheet HTML 5Page - PULS GmbH CP10.481 Datasheet HTML 6Page - PULS GmbH CP10.481 Datasheet HTML 7Page - PULS GmbH CP10.481 Datasheet HTML 8Page - PULS GmbH CP10.481 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
CP10.481
CP-Series
48V, 5.4A, SINGLE PHASE INPUT
POWER SUPPLY
AC 100-240V Wide-range Input
Width only 39mm
+10% (5.4A) continuous current up to +60°C
+20% (6A) continuous current up to +45°C
Efficiency up to 95.5%, Excellent Partial Load Efficiency
Safe HiccupPLUS Overload Mode
Active Power Factor Correction (PFC)
Minimal Inrush Current Surge
Full Power Between -25°C and +60°C
DC-OK Relay Contact
Meets ITE, ATEX, Class I Div2 and SEMI F47 Requirements
3 Year Warranty
1/27
GENERAL DESCRIPTION
The DIMENSION CP-Series units are high-end power
supplies in a medium price range without compromising
quality, reliability and performance. The CP-Series is
part of the DIMENSION power supply family. The most
outstanding
features
of
CP10.481
are
the
high
efficiency, advanced inrush current limitation, active PFC
and the wide operational temperature range.
The CP-Series includes all the essential basic functions.
The devices have a power reserve of 10% up to +60°C
and 20% up to +45°C included, which may even be used
continuously. Additionally, the CP10 can deliver three
times the nominal output current for at least 12ms
which helps to trip fuses on faulty output branches.
High immunity to transients and power surges as well as
low electromagnetic emission, a DC-OK relay contact
and a large international approval package for a variety
of applications makes this unit suitable for nearly every
situation.
SHORT-FORM DATA
Output voltage
DC 48V
Adjustment range 48 – 56V
Output current
5.4A
at 48V, amb <60°C
6.0A
at 48V, amb <45°C
4.6A
at 56V, amb <60°C
5.15A
at 56V, amb <45°C
Output power
259W / 288W
amb <60°C / <45°C
Output ripple
< 50mVpp
20Hz to 20MHz
AC Input voltage
AC 100-240V
±10%
Mains frequency
50-60Hz
±6%
AC Input current
2.32 / 1.20A
at 120 / 230Vac
Power factor
0.99 / 0.98
at 120 / 230Vac
AC Inrush current
6 / 9A pk
at 40°C 120/230Vac
DC Input
DC 110-150V
±20%*)
Efficiency
93.8 / 95.5%
at 120 / 230Vac
Losses
17.2 / 12.3W
at 120 / 230Vac
Temp. range
-25°C to +70°C
operational
Derating
6.5W/°C
+60 to +70°C
Hold-up time
34 / 34ms
at 120 / 230Vac
Dimensions
39x124x117mm
WxHxD
Weight
600g / 1.3lb
*) below 110Vdc (-15%) reduced output current
ORDER NUMBERS
Power Supply
CP10.481
48-56V Standard unit
Accessory
ZM12.SIDE
Side mount bracket
YR2.DIODE
Redundancy module
YR40.482
Redundancy module
MARKINGS
IND. CONT. EQ.
UL 508
UL 60950-1
EMC, LVD, ATEX
Class I Div 2
IECEx
ATEX
II 3G Ex nA nC II T4 Gc
Marine, planned
Feb. 2016 / Rev. 1.1 DS-CP10.481-EN
All parameters are specified at 48V, 5.4A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - CP10.481

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP10.481 PULS-CP10.481 Datasheet
867Kb / 29P
48V, 5.4A, 260W, SINGLE PHASE INPUT
CP10.481 PULS-CP10.481_17 Datasheet
867Kb / 29P
48V, 5.4A, 260W, SINGLE PHASE INPUT
More results

Similar Description - CP10.481

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP10.121 PULS-CP10.121 Datasheet
724Kb / 26P
SINGLE PHASE INPUT
CP10.361 PULS-CP10.361 Datasheet
743Kb / 27P
SINGLE PHASE INPUT
CPS20.241 PULS-CPS20.241 Datasheet
718Kb / 26P
SINGLE PHASE INPUT
CS3.241 PULS-CS3.241 Datasheet
611Kb / 24P
SINGLE PHASE INPUT
CS5.243 PULS-CS5.243 Datasheet
622Kb / 24P
SINGLE PHASE INPUT
CS5.244 PULS-CS5.244 Datasheet
607Kb / 23P
SINGLE PHASE INPUT
CS10.241 PULS-CS10.241 Datasheet
668Kb / 26P
SINGLE PHASE INPUT
ML30.241 PULS-ML30.241 Datasheet
528Kb / 23P
SINGLE PHASE INPUT
ML50.100 PULS-ML50.100 Datasheet
637Kb / 20P
SINGLE PHASE INPUT
QS40.484 PULS-QS40.484 Datasheet
754Kb / 28P
SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com