Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5.243 Datasheet(PDF) 9 Page - PULS GmbH

Part # CS5.243
Description  SINGLE PHASE INPUT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CS5.243 Datasheet(HTML) 9 Page - PULS GmbH

Back Button CS5.243 Datasheet HTML 5Page - PULS GmbH CS5.243 Datasheet HTML 6Page - PULS GmbH CS5.243 Datasheet HTML 7Page - PULS GmbH CS5.243 Datasheet HTML 8Page - PULS GmbH CS5.243 Datasheet HTML 9Page - PULS GmbH CS5.243 Datasheet HTML 10Page - PULS GmbH CS5.243 Datasheet HTML 11Page - PULS GmbH CS5.243 Datasheet HTML 12Page - PULS GmbH CS5.243 Datasheet HTML 13Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
CS5.243
C-Line
24V, 5A, SINGLE PHASE INPUT
8. EFFICIENCY AND POWER LOSSES
AC 100V
AC 120V
Efficiency
typ.
89.5%
90.0%
at 24V, 5A
typ.
88.8%
89.3%
at 24V, 6A (Power Boost)
Average efficiency*)
typ.
87.7%
88.0%
25% at 1.25A, 25% at 2.5A,
25% at 3.75A. 25% at 5A
Power losses
typ.
1.3W
1.4W
at 24V, 0A
typ.
8.5W
8.2W
at 24V, 2.5A
typ.
14.3W
13.5W
at 24V, 5A
typ.
18.1W
17.2W
at 24V, 6A (Power Boost)
*)
The average efficiency is an assumption for a typical application where the power supply is loaded with 25% of the nominal load for 25%
of the time, 50% of the nominal load for another 25% of the time, 75% of the nominal load for another 25% of the time and with 100%
of the nominal load for the rest of the time.
Fig. 8-1 Efficiency vs. output current at 24V,
typ
Fig. 8-2 Losses vs. output current at 24V, typ.
Efficiency
1
86
88
90
85
91%
6A
24
5
Output Current
3
87
89
(a)
(b)
(a) 100Vac
(b) 120Vac
Power Losses
01
2
4
5
6A
0
3
9
15
18W
6
3
12
(a)
(b)
(a) 100Vac
(b) 120Vac
Output Current
Fig. 8-3 Efficiency vs. input voltage at 24V,
5A, typ.
Fig. 8-4 Losses vs. input voltage at 24V, 5A,
typ.
Efficiency
85
100
120
135Vac
88
89
90
Input Voltage
91%
Power Losses
0
3
6
9
12
Input Voltage
15
18W
85
100
120
135Vac
Jul. 2015 / Rev. 2.0 DS-CS5.243-EN
All parameters are specified at 24V, 5A, 120Vac, 60Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
9/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com