Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5.243 Datasheet(PDF) 1 Page - PULS GmbH

Part # CS5.243
Description  SINGLE PHASE INPUT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CS5.243 Datasheet(HTML) 1 Page - PULS GmbH

  CS5.243 Datasheet HTML 1Page - PULS GmbH CS5.243 Datasheet HTML 2Page - PULS GmbH CS5.243 Datasheet HTML 3Page - PULS GmbH CS5.243 Datasheet HTML 4Page - PULS GmbH CS5.243 Datasheet HTML 5Page - PULS GmbH CS5.243 Datasheet HTML 6Page - PULS GmbH CS5.243 Datasheet HTML 7Page - PULS GmbH CS5.243 Datasheet HTML 8Page - PULS GmbH CS5.243 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
CS5.243
C-Line
24V, 5A, SINGLE PHASE INPUT
POWER SUPPLY
AC 100-120 Single-Phase Input
Width only 32mm
Efficiency up to 90.0%
Easy Fuse Breaking due to High Overload Peak Current
20% Output Power Reserves
Full Power up to +60°C
3 Year Warranty
1/24
GENERAL DESCRIPTION
The DIMENSION C-Line units are cost optimized power
supplies without compromising quality, reliability and
performance. The C-Line is part of the DIMENSION
power supply family, existing alongside the high
featured Q-Line.
The CS5.243 includes all the essential basic functions and
the devices have a power reserve of 20%. This extra
current may even be used continuously at temperatures
up to +45°C.
The most important features are the small size, high
efficiency and the wide temperature range.
The unit also has an input for 100-120V mains only. This
supports regional applications and offers additional cost
savings without sacrificing functionality.
High immunity to transients and power surges as well as
low electromagnetic emission and a large international
approval package for a variety of applications makes
this unit suitable for nearly every situation.
SHORT-FORM DATA
Output voltage
DC 24V
Adjustment range
24 - 28V
Output current
5A
at 24V, amb <60°C
6A
at 24V, amb <45°C
4.3A
at 28V, amb <60°C
5.1A
at 28V, amb <45°C
Output power
120W
ambient <60°C
144W
ambient <45°C
Output ripple
< 50mVpp
20Hz to 20MHz
AC Input voltage
AC 100-120V
±10%
Mains frequency
50-60Hz
±6%
AC Input current
1.88A
at 120Vac
DC Input voltage
-
not allowed
Power factor
0.59
at 120Vac
AC Inrush current
45A peak
at 120Vac
Efficiency
90.0%
at 120Vac
Losses
13.5W
at 120Vac
Temperature range -10°C to +70°C
operational
Derating *)
3W/°C
+60 to +70°C
Hold-up time
78ms
at 120Vac
Dimensions
32x124x117mm WxHxD
Weight
500g / 1.1lb
ORDER NUMBERS
Power Supply
CS5.243
24-28V Standard unit
(AC 100-120V-Version)
Accessory
ZM1.WALL
Wall mount bracket
ZM13.SIDE
Side mount bracket
YRM2.DIODE
Redundancy module
MARKINGS
IND. CONT. EQ.
UL 508
UL 60950-1
Class I Div 2
Marine
EMC, LVD
Jul. 2015 / Rev. 2.0 DS-CS5.243-EN
All parameters are specified at 24V, 5A, 120Vac, 60Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - CS5.243

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
CS5.241 REDLION-CS5.241 Datasheet
513Kb / 20P
POWER SUPPLY
logo
PULS GmbH
CS5.241 PULS-CS5.241 Datasheet
616Kb / 25P
SINGLE PHASE INPUT
logo
Red Lion Controls. Inc
CS5.241-C1 REDLION-CS5.241-C1 Datasheet
513Kb / 20P
POWER SUPPLY
logo
PULS GmbH
CS5.241-C1 PULS-CS5.241-C1 Datasheet
616Kb / 25P
SINGLE PHASE INPUT
logo
Red Lion Controls. Inc
CS5.241-S1 REDLION-CS5.241-S1 Datasheet
513Kb / 20P
POWER SUPPLY
More results

Similar Description - CS5.243

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP10.121 PULS-CP10.121 Datasheet
724Kb / 26P
SINGLE PHASE INPUT
CP10.241 PULS-CP10.241 Datasheet
772Kb / 27P
SINGLE PHASE INPUT
CP10.361 PULS-CP10.361 Datasheet
743Kb / 27P
SINGLE PHASE INPUT
CPS20.241 PULS-CPS20.241 Datasheet
718Kb / 26P
SINGLE PHASE INPUT
CS3.241 PULS-CS3.241 Datasheet
611Kb / 24P
SINGLE PHASE INPUT
CS5.244 PULS-CS5.244 Datasheet
607Kb / 23P
SINGLE PHASE INPUT
CS10.241 PULS-CS10.241 Datasheet
668Kb / 26P
SINGLE PHASE INPUT
ML30.241 PULS-ML30.241 Datasheet
528Kb / 23P
SINGLE PHASE INPUT
ML50.100 PULS-ML50.100 Datasheet
637Kb / 20P
SINGLE PHASE INPUT
QS40.484 PULS-QS40.484 Datasheet
754Kb / 28P
SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com