Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS10.481 Datasheet(PDF) 8 Page - PULS GmbH

Part # CS10.481
Description  48V, 5A, SINGLE PHASE INPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CS10.481 Datasheet(HTML) 8 Page - PULS GmbH

Back Button CS10.481 Datasheet HTML 4Page - PULS GmbH CS10.481 Datasheet HTML 5Page - PULS GmbH CS10.481 Datasheet HTML 6Page - PULS GmbH CS10.481 Datasheet HTML 7Page - PULS GmbH CS10.481 Datasheet HTML 8Page - PULS GmbH CS10.481 Datasheet HTML 9Page - PULS GmbH CS10.481 Datasheet HTML 10Page - PULS GmbH CS10.481 Datasheet HTML 11Page - PULS GmbH CS10.481 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
CS10.481
C-Line
48V, 5A, SINGLE PHASE INPUT
6. OUTPUT
Output voltage
nom.
48V
Adjustment range
min.
48-52V
guaranteed
max.
56V***)
at clockwise end position of potentiometer
Factory settings
typ.
48.0V
±0.2%, at full load, cold unit,
Line regulation
max.
70mV
90-132 / 180-300Vac
Load regulation
max.
100mV
static value, 0A
5A; see Fig. 6-1
Ripple and noise voltage
max.
100mVpp
20Hz to 20MHz, 50Ohm
Output current
nom.
5A
at 48V, ambient temperature <60°C, see Fig. 6-1
nom.
6A*)
at 48V, ambient temperature <45°C
nom.
3.75A
at 48V and 70°C ambient temperature
nom.
4.6A
at 52V, ambient temperature <60°C, see Fig. 6-1
nom.
5.5A*)
at 52V, ambient temperature <45°C, see Fig. 6-1
nom.
3.45A
at 52V and 70°C ambient temperature
Reduce output current linearly between +45°C and +70°C
Output power
nom.
240W
continuously available
nom.
288W*)
Power Boost® *)
Overload behavior
continuous current
see Fig. 6-1
Short-circuit current
min.
7A**)
load impedance <100mOhm, see Fig. 6-1
max.
9A**)
load impedance <100mOhm, see Fig. 6-1
Output capacitance
typ.
3 100μF
included inside the power supply
*)
Power Boost
This power/ current is continuously allowed up to an ambient temperature of 45°C.
Above 45°C, do not use this power/ current longer than a duty cycle of 10% and/ or not longer than 1 minute every 10 minutes.
**)
Discharge current of output capacitors is not included.
***)
This is the maximum output voltage which can occur at the clockwise end position of the potentiometer due to tolerances. It is not a
guaranteed value which can be achieved. The typical value is about 54.2V.
Fig. 6-1 Output voltage vs. output current,
typ.
Output Voltage
0
0
2
468
10
20
60V
30
40
50
10A
5
3
17
9
Adjustment
Range
Output Current
+60°C
+25°C
-25°C
48V
52V
Jul. 2015 / Rev. 2.0 DS-CS10.481-EN
All parameters are specified at 48V, 5A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
8/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com