Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS10.481 Datasheet(PDF) 1 Page - PULS GmbH

Part # CS10.481
Description  48V, 5A, SINGLE PHASE INPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CS10.481 Datasheet(HTML) 1 Page - PULS GmbH

  CS10.481 Datasheet HTML 1Page - PULS GmbH CS10.481 Datasheet HTML 2Page - PULS GmbH CS10.481 Datasheet HTML 3Page - PULS GmbH CS10.481 Datasheet HTML 4Page - PULS GmbH CS10.481 Datasheet HTML 5Page - PULS GmbH CS10.481 Datasheet HTML 6Page - PULS GmbH CS10.481 Datasheet HTML 7Page - PULS GmbH CS10.481 Datasheet HTML 8Page - PULS GmbH CS10.481 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
CS10.481
C-Line
48V, 5A, SINGLE PHASE INPUT
POWER SUPPLY
AC 100-120 / 200-240V Auto-select Input
Width only 60mm
Efficiency up to 91.6%
Easy Fuse Breaking due to High Overload Peak Current
20% Output Power Reserves
Full Power Between -25°C and +60°C
Minimal Inrush Current Surge
3 Year Warranty
1/26
GENERAL DESCRIPTION
The DIMENSION C-Line units are cost optimized power
supplies without compromising quality, reliability and
performance. The C-Line is part of the DIMENSION
power supply family, existing alongside the high
featured Q-Line.
The CS10.481 includes all the essential basic functions
and the devices have a power reserve of 20%. This extra
current may even be used continuously at temperatures
up to +45°C.
The most important features are the small size, high
efficiency and the wide temperature range.
The Auto-select input makes worldwide installation and
usage very simple. Defects or system failures caused by
wrongly set switches cannot occur.
High immunity to transients and power surges as well as
low electromagnetic emission and a large international
approval package for a variety of applications makes
this unit suitable for nearly every situation.
SHORT-FORM DATA
Output voltage
DC 48V
Adjustment range
48 - 52V
Output current
5.0A
at 48V, amb <60°C
6.0A
at 48V, amb <45°C
4.6A
at 52V, amb <60°C
5.6A
at 52V, amb <45°C
Output power
240W
ambient <60°C
288W
ambient <45°C
Output ripple
< 100mVpp
20Hz to 20MHz
AC Input voltage
AC 100-120V /
200-240V
±10%
Auto-select input
Mains frequency
50-60Hz
±6%
AC Input current
3.73 / 2.23A
at 120 / 230Vac
DC Input voltage
-
not allowed
Power factor
0.59 / 0.51
at 120 / 230Vac
AC Inrush current
3 / 3A peak
at 120 / 230Vac
Efficiency
91.0 / 91.6%
at 120 / 230Vac
Losses
23.7 / 22.0W
at 120 / 230Vac
Temperature range -25°C to +70°C
operational
Derating *)
6W/°C
+60 to +70°C
Hold-up time
46 / 47ms
at 120 / 230Vac
Dimensions
60x124x117mm WxHxD
Weight
700g / 1.54lb
ORDER NUMBERS
Power Supply
CS10.481
48-52V Standard unit
Accessory
ZM1.WALL
Wall mount bracket
ZM13.SIDE
Side mount bracket
YRM2.DIODE
Redundancy module
YR40.482
Redundancy module
MARKINGS
IND. CONT. EQ.
UL 508
UL 60950-1
Class I Div 2
Marine
EMC, LVD
Jul. 2015 / Rev. 2.0 DS-CS10.481-EN
All parameters are specified at 48V, 5A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - CS10.481

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
CS10.481 REDLION-CS10.481 Datasheet
521Kb / 20P
POWER SUPPLY
More results

Similar Description - CS10.481

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CT10.481 PULS-CT10.481 Datasheet
694Kb / 22P
48V, 5A, THREE PHASE INPUT
PIC120.241D PULS-PIC120.241D Datasheet
515Kb / 22P
24V, 5A, SINGLE PHASE INPUT
PIC120.241C PULS-PIC120.241C Datasheet
544Kb / 22P
24V, 5A, SINGLE PHASE INPUT
QS20.481 PULS-QS20.481 Datasheet
791Kb / 25P
48V, 10A, SINGLE PHASE INPUT
QS10.481-D1 PULS-QS10.481-D1 Datasheet
872Kb / 27P
48V, 5A, SINGLE PHASE INPUT
QS10.481 PULS-QS10.481 Datasheet
865Kb / 27P
48V, 5A, SINGLE PHASE INPUT
QS5.241 PULS-QS5.241 Datasheet
838Kb / 26P
24V, 5A, SINGLE PHASE INPUT
CP5.241 PULS-CP5.241 Datasheet
881Kb / 26P
24V, 5A, 120W, SINGLE PHASE INPUT
CPS20.481 PULS-CPS20.481 Datasheet
669Kb / 26P
48V, 10A, SINGLE PHASE INPUT
CP10.481 PULS-CP10.481_17 Datasheet
867Kb / 29P
48V, 5.4A, 260W, SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com