Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML15.051 Datasheet(PDF) 21 Page - PULS GmbH

Part # ML15.051
Description  5V, 3A, SINGLE PHASE INPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML15.051 Datasheet(HTML) 21 Page - PULS GmbH

Back Button ML15.051 Datasheet HTML 14Page - PULS GmbH ML15.051 Datasheet HTML 15Page - PULS GmbH ML15.051 Datasheet HTML 16Page - PULS GmbH ML15.051 Datasheet HTML 17Page - PULS GmbH ML15.051 Datasheet HTML 18Page - PULS GmbH ML15.051 Datasheet HTML 19Page - PULS GmbH ML15.051 Datasheet HTML 20Page - PULS GmbH ML15.051 Datasheet HTML 21Page - PULS GmbH ML15.051 Datasheet HTML 22Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
ML15.051
MiniLine-2
5V, 3A, SINGLE PHASE INPUT
21.10.USE IN A TIGHTLY SEALED ENCLOSURE
When the power supply is installed in a tightly sealed enclosure, the temperature inside the enclosure will be higher
than outside. In such situations, the inside temperature defines the ambient temperature for the power supply.
The following measurement results can be used as a reference to estimate the temperature rise inside the enclosure.
The power supply is placed in the middle of the box, no other heat producing items are inside the box
Enclosure:
Rittal Type IP66 Box PK 9510 100, plastic, 130x130x75mm
Input:
230Vac
Case A:
Load:
5V, 3A; load is placed outside the box
Temperature inside the box:
38.2°C (in the middle of the right side of the power supply with a distance of 1cm)
Temperature outside the box:
26.0°C
Temperature rise:
12.2K
Case B:
Load:
5V, 2.4A; (=80%) load is placed outside the box
Temperature inside the box:
35.3°C (in the middle of the right side of the power supply with a distance of 1cm)
Temperature outside the box:
25.6°C
Temperature rise:
9.7K
Mar. 2013 / Rev. 2.1 DS-ML15.051-EN
All parameters are specified at 5V, 3A, 230Vac input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
21/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com