Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML15.051 Datasheet(PDF) 9 Page - PULS GmbH

Part # ML15.051
Description  5V, 3A, SINGLE PHASE INPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML15.051 Datasheet(HTML) 9 Page - PULS GmbH

Back Button ML15.051 Datasheet HTML 5Page - PULS GmbH ML15.051 Datasheet HTML 6Page - PULS GmbH ML15.051 Datasheet HTML 7Page - PULS GmbH ML15.051 Datasheet HTML 8Page - PULS GmbH ML15.051 Datasheet HTML 9Page - PULS GmbH ML15.051 Datasheet HTML 10Page - PULS GmbH ML15.051 Datasheet HTML 11Page - PULS GmbH ML15.051 Datasheet HTML 12Page - PULS GmbH ML15.051 Datasheet HTML 13Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ML15.051
MiniLine-2
5V, 3A, SINGLE PHASE INPUT
9. FUNCTIONAL DIAGRAM
Fig. 9-1 Functional diagram
Input Fuse
&
Input Filter
L
N
Output Over-
Voltage
Protection
Input
Rectifier
&
Inrush
Limiter
Power
Converter
Output
Voltage
Regulator
+
-
-
Output
Filter
V
OUT
DC
on
PE
10. FRONT SIDE AND USER ELEMENTS
Fig. 10-1 Front side
A
Output Terminals
Screw terminals,
Dual terminals for the negative pole allows an easy earthing of the output voltage
+ Positive output
- Negative (return) output
B
Input Terminals
Screw terminals
L
Phase (Line) input
N
Neutral conductor input
PE (Protective Earth) input
C
DC-on LED (green)
On when the voltage on the output terminals is > 2V
D
Output voltage potentiometer
Turn to set the output voltage. Factory set: 5.1V
Mar. 2013 / Rev. 2.1 DS-ML15.051-EN
All parameters are specified at 5V, 3A, 230Vac input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
9/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com