Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML30.241 Datasheet(PDF) 13 Page - PULS GmbH

Part # ML30.241
Description  SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML30.241 Datasheet(HTML) 13 Page - PULS GmbH

Back Button ML30.241 Datasheet HTML 9Page - PULS GmbH ML30.241 Datasheet HTML 10Page - PULS GmbH ML30.241 Datasheet HTML 11Page - PULS GmbH ML30.241 Datasheet HTML 12Page - PULS GmbH ML30.241 Datasheet HTML 13Page - PULS GmbH ML30.241 Datasheet HTML 14Page - PULS GmbH ML30.241 Datasheet HTML 15Page - PULS GmbH ML30.241 Datasheet HTML 16Page - PULS GmbH ML30.241 Datasheet HTML 17Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
ML30.241
MiniLine-2
24V, 1.3A, SINGLE PHASE INPUT
15. PROTECTION FEATURES
Output protection
Electronically protected against overload, no-load and short-circuits *)
Output over-voltage protection
typ. 36Vdc
max. 38Vdc
In case of an internal power supply fault, a redundant
circuit limits the maximum output voltage. In such a
case, the output shuts down and stays down until the
input voltage is turned off and on again.
Output over-current protection
electronically limited
see Fig. 5-1
Degree of protection
IP 20
EN/IEC 60529
Penetration protection
> 2.5mm in diameter
e.g. screws, small parts
Over-temperature protection
not included
Input transient protection
MOV
Metal Oxide Varistor
Internal input fuse
T3.15A H.B.C.
not user replaceable
*)
In case of a protection event, audible noise may occur.
16. SAFETY FEATURES
Input / output separation *)
SELV
IEC/EN 60950-1
PELV
IEC/EN 60204-1, EN 50178, IEC 62103, IEC 60364-4-41
Class of protection
I
PE (Protective Earth) connection required
II (with restrictions)
for use without PE connection contact PULS
Isolation resistance
> 5MOhm
Input to output, 500Vdc
Touch current (leakage current)
typ. 0.17mA / 0.38mA
100Vac, 50Hz, TN-,TT-mains / IT-mains
typ. 0.24mA / 0.55mA
120Vac, 60Hz, TN-,TT-mains / IT-mains
typ. 0.40mA / 0.86mA
230Vac, 50Hz, TN-,TT-mains / IT-mains
< 0.21mA / 0.44mA
110Vac, 50Hz, TN-,TT-mains / IT-mains
< 0.30mA / 0.66mA
132Vac, 60Hz, TN-,TT-mains / IT-mains
< 0.54mA / 1.08mA
264Vac, 50Hz, TN-,TT-mains / IT-mains
*)
Double or reinforced insulation
Mar. 2013 / Rev. 1.2 DS-ML30.241-EN
All parameters are specified at 24V, 1.3A, 230Vac input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
13/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com