Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML30.241 Datasheet(PDF) 1 Page - PULS GmbH

Part # ML30.241
Description  SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML30.241 Datasheet(HTML) 1 Page - PULS GmbH

  ML30.241 Datasheet HTML 1Page - PULS GmbH ML30.241 Datasheet HTML 2Page - PULS GmbH ML30.241 Datasheet HTML 3Page - PULS GmbH ML30.241 Datasheet HTML 4Page - PULS GmbH ML30.241 Datasheet HTML 5Page - PULS GmbH ML30.241 Datasheet HTML 6Page - PULS GmbH ML30.241 Datasheet HTML 7Page - PULS GmbH ML30.241 Datasheet HTML 8Page - PULS GmbH ML30.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ML30.241
MiniLine-2
24V, 1.3A, SINGLE PHASE INPUT
POWER SUPPLY
100-240V Wide Range Input
NEC Class 2 Compliant
Adjustable Output Voltage
Efficiency up to 89.4%
Compact Design, Width only 22.5mm
Full Power between -10°C and +60°C
Large International Approval Package
3 Year Warranty
1/23
GENERAL DESCRIPTION
A compact size, light weight, simple mounting onto the
DIN-rail and the utilization of only quality components
are what makes the MiniLine power supplies so easy to
use and install within seconds.
The rugged electrical and mechanical design as well as a
high immunity against electrical disturbances on the
mains provides reliable output power. This offers
superior protection for equipment which is connected
to the public mains network or is exposed to a harsh
industrial environment.
The MiniLine series offers output voltages from 5 to
56Vdc and a power rating from 15W to 120W.
The
supplementary
MiniLine
redundancy
module
MLY10.241 allows building of redundant systems or to
protect against back-feeding voltages.
SHORT-FORM DATA
Output voltage
DC 24V
Adjustment range
24 - 28V
Output current
1.3A at 24V
1.1A at 28V
Output power
30W
Output ripple
< 50mVpp
20Hz to 20MHz
Input voltage
AC 100-240V
-15% / +10%
Mains frequency
50-60Hz
±6%
AC Input current
0.54 / 0.3A
at 120 / 230Vac
Power factor
0.52 / 0.49
at 120 / 230Vac
AC Inrush current
typ. 18 / 35A
peak value at
120 / 230Vac 40°C
and cold start
DC Input
88-375Vdc
below 110Vdc
derating required
Efficiency
88.5 / 89.4%
at 120 / 230Vac
Losses
4.1 / 3.7W
at 120 / 230Vac
Temperature range -10°C to +70°C
operational
Derating
0.8W/°C
+60 to +70°C
Hold-up time
typ. 31 / 141ms
at 120 / 230Vac
Dimensions
22.5x75x91mm
WxHxD
Weight
140g / 0.31lb
ORDER NUMBERS
Power Supply
ML30.241
24-28V Standard unit
Accessory
MLY10.241
Redundancy module
MARKINGS
Ind. Cont. Eq. UL 508
UL 60950-1
Marine
Class I Div 2
NEC
Class 2
EMC, LVD, RoHS
Mar. 2013 / Rev. 1.2 DS-ML30.241-EN
All parameters are specified at 24V, 1.3A, 230Vac input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - ML30.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ML30.100 PULS-ML30.100 Datasheet
252Kb / 2P
NEC Class 2 Power Supply
ML30.101 PULS-ML30.101 Datasheet
255Kb / 2P
NEC Class 2 Power Supply
ML30.102 PULS-ML30.102 Datasheet
212Kb / 2P
NEC Class 2 Power Supply
ML30.106 PULS-ML30.106 Datasheet
187Kb / 2P
NEC Class 2 Power Supply
More results

Similar Description - ML30.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP10.121 PULS-CP10.121 Datasheet
724Kb / 26P
SINGLE PHASE INPUT
CP10.241 PULS-CP10.241 Datasheet
772Kb / 27P
SINGLE PHASE INPUT
CP10.361 PULS-CP10.361 Datasheet
743Kb / 27P
SINGLE PHASE INPUT
CPS20.241 PULS-CPS20.241 Datasheet
718Kb / 26P
SINGLE PHASE INPUT
CS3.241 PULS-CS3.241 Datasheet
611Kb / 24P
SINGLE PHASE INPUT
CS5.243 PULS-CS5.243 Datasheet
622Kb / 24P
SINGLE PHASE INPUT
CS5.244 PULS-CS5.244 Datasheet
607Kb / 23P
SINGLE PHASE INPUT
CS10.241 PULS-CS10.241 Datasheet
668Kb / 26P
SINGLE PHASE INPUT
ML50.100 PULS-ML50.100 Datasheet
637Kb / 20P
SINGLE PHASE INPUT
QS40.484 PULS-QS40.484 Datasheet
754Kb / 28P
SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com