Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPDACT-2 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # IPDACT-2
Description  IP Fire Alarm Communicator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

IPDACT-2 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  IPDACT-2 Datasheet HTML 1Page - Gamewell-FCI by Honeywell IPDACT-2 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9021-60504 Rev. E page 2 of 2
www.gamewell-fci.com
Programming Options:
To configure the IPDACT-2, the following three (3) options
are available:
•
Use a HyperTerminal or TeraTerm software program
•
Local or Remote Telnet session via an Ethernet
connection.
•
Windows®-based configuration software (shipped with
the IP Communicator).
Note: It is possible to pre-program the IP Communicator at
the panel before the installation. To pre-program the IP
Communicator, the following is done:
1.
An auto-registration password is entered (along with
all other Central Station information) and saved in the
unit's flash memory.
2.
When the IP Communicator is installed at the site and
connected to the Internet/Intranet, it auto-registers
with the Central Station receiver.
3.
This feature eliminates the need to program from a PC
at the remote site.
4.
The IP Receiver at the monitoring station will automat-
ically configure other parameters during registration.
For most installations, the only parameters required are as
follows:
•
Selection of either DHCP or Static IP
•
Destination primary and secondary receiver IP
addresses
•
Account identification number (CID)
•
Port number
•
Installation password
Installation Requirements
To install the IDPDACT-2, the following criteria are
required:
•
Mounted locally next to the supported fire alarm control
panel.
•
The Central Station must be equipped with a compatible
VisorALARM PLUS™ IP receiver
•
At least 136mA of electrical power available from the
power supply to use for the IPDACT-2 unit.
•
Ethernet network connection (ITE-listed router/gate-
way).
•
It is recommended to use a small UPS, to provide
backup power for customer-provided router/switch/
modem.
•
Dynamic or static IP address (dynamic addressing
requires DHCP server present on the local network.
Note: DSL and cable modems typically use dynamic
addressing as supplied by network providers).
•
UDP port for IP communication with the monitoring sta-
tion (default port: 80 may be changed by the Central
Station).
•
Destination IP addresses of the IP receivers where the
IP Communicator will be sending alarms and other
events (If installed on a private Intranet, the gateway
address of the public router will be required to allow the
IP card to access the Internet and the public router at
the Central Station).
•
Panel account ID number (CID).
•
Installer password (provided by the monitoring station
managing the IP receiver).
Specifications
Operating Voltage:
24VDC
Operating Temperature:
Not to exceed the range of
32°C to 120°C (0 to 49°C)
Relativity Humidity:
Not to exceed 93% non-con-
densing at 90°F (32°C)
Ordering Information
Part Number Description
IPDACT-2
IP communicator. Includes configuration
software, manuals, and prepared 30" tele-
phone cable for connection to panel's
DACT telco ports.
IPENC
External mounting enclosure consisting of
mounting bracket IPBRKT, and screws.
Enclosure must be "close-nipple" to a
panel no further than 6 in.
(15 cm) via
conduit. (Red)
IPSPLT
Y adapter option to allow connection of
both panel dialer outputs to one cable
input to IPDACT.
Note: The IPSPLT is not required if the second dialer out-
put is used for the phone backup.
ALMSC119
Serial programming cable and DB9
adapter.
VisorALARM-
PLUS
IP Receiver with LCD display and keypad



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com