Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPDACT-2 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # IPDACT-2
Description  IP Fire Alarm Communicator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

IPDACT-2 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  IPDACT-2 Datasheet HTML 1Page - Gamewell-FCI by Honeywell IPDACT-2 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2013 by Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
9021-60504 Rev. E page 1 of 2
IPDACT-2
IP Fire Alarm Communicator
7165-1703:0125
SIGNALING
S1869
Approved
FDNY:
COA #6077
MEA
Description
The IPDACT-2 is a compact Internet Protocol Digital
Alarm
Communicator/Transmitter
Module.
It
is
designed to transmit status communication to a Cen-
tral Station via the Internet. During an alarm, a super-
visory, or a trouble event, the IPDACT-2, using the
Contact-ID protocol from the fire alarm control panel,
converts the standard DACT phone communication
to a protocol that can be transmitted and received via
the Internet. It can also test the connectivity between
the fire alarm control panel and the Central Station.
The IPDACT-2 operates in conjunction with the
VisorALARM PLUS™ IP receiver located at the Cen-
tral Station.
The IPDACT-2 is designed to operate with the
DACT-equipped panels used in the Gamewell-FCI's,
E3 Series® and GF505/GF510 Flex Series Systems.
The IP Communicator provides faster and more eco-
nomic
digital
alarm
transmissions,
improving
response times and decreasing costs found with tra-
ditional analog systems. The IPDACT-2 offers value-
added features such as supervised line functionality,
which allows a Central Station to detect any off-line
alarm panels within seconds. No backup analog
phone line is necessary. However; customers can
still use a traditional backup phone line from the
panel's second phone port if desired.
The panel operates normally during an alarm, a
supervisory, or a trouble event and sends the Con-
tact-ID formatted analog information from the tele-
phone ports to the IP Communicator. The IP
Communicator then reformats the data into highly
encrypted Ethernet UDP packets for transmission to
a compatible receiver at the Central Station. This
feature allows seamless integration into existing con-
ventional Central Station architectures.
E3 Series® is a registered trademark of Honeywell International Inc.
Microsoft® and Windows® are registered trademarks of Microsoft Corporation.
VisorALARM PLUS™ is a trademark of Teldat Corporation.
UL® is a registered trademark of Underwriters Laboratories Inc.
Features
•
Listed under UL® Standard 864, 9th Edition.
•
Operates with the Gamewell-FCI's E3 Series panels
equipped with DACT-E3 units and GF505/GF510 Flex
Series Systems.
•
Saves the cost of two dedicated phone lines. Only the
customer's shared IP equipment is required.
•
Provides compatibility to newer low-cost, non-analog,
digital telephone services such as cable, or fiber optics.
•
Increases connection supervision to the Central Station
from the once-a-day test signal to once every 90
seconds.
•
Requires no change to the existing panel configuration.
The IP Communicator connects directly to the primary
and secondary analog panel telephone ports.
•
Produces fast alarm transmission (less than 10 second
transmission time).
•
Performs over any type of customer-provided Ethernet
10/100Base network connection (LAN or WAN), DSL
modem or cable modem.
•
Transmits data over standard Contact-ID protocol but is
secured with the industry's highest level of encryption
(AES 512 bit).
•
Supports both dynamic (DHCP) or Public and Private
Static IP addressing.
•
Maintains dual-destination IP receiver address for high
redundancy configurations: all signals are sent to a sec-
ondary address should the primary become unavail-
able.
•
Offers user programmable UDP ports for flexibility and
compatibility with firewalls and other network security
components.
IPDACT-2


Similar Part No. - IPDACT-2

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
IPD-8329 SOVICO-IPD-8329 Datasheet
1Mb / 1P
POWER DISTRIBUTOR
2021.01
logo
Infineon Technologies A...
IPD020N03LF2S INFINEON-IPD020N03LF2S Datasheet
946Kb / 13P
MOSFET StrongIRFET™ 2 PowerTransistor, 30 V
Revision 1.0 2024-09-20
IPD020N03LF2SATMA1 INFINEON-IPD020N03LF2SATMA1 Datasheet
946Kb / 13P
MOSFET StrongIRFET™ 2 PowerTransistor, 30 V
Revision 1.0 2024-09-20
IPD023N03LF2S INFINEON-IPD023N03LF2S Datasheet
948Kb / 13P
MOSFET StrongIRFET™ 2 Power‑Transistor, 30 V
Revision 1.0 2024-09-20
IPD023N04NF2S INFINEON-IPD023N04NF2S Datasheet
1,001Kb / 11P
StrongIRFETTM2 Power-Transistor
Rev. 2.1, 2022-09-20
More results

Similar Description - IPDACT-2

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
190-90010 GAMEWELL-FCI-190-90010 Datasheet
61Kb / 1P
ALARM COMMUNICATOR TRANSMITTER
FC-73 GAMEWELL-FCI-FC-73 Datasheet
538Kb / 4P
Fire Alarm Control Panel
DACT-E3 GAMEWELL-FCI-DACT-E3 Datasheet
60Kb / 1P
Digital alarm communicator transmitter
411UDAC GAMEWELL-FCI-411UDAC Datasheet
186Kb / 4P
Digital Alarm Communicator Transmitter
26308 GAMEWELL-FCI-26308 Datasheet
120Kb / 1P
Fire Alarm Box Pedestal
logo
General Cable Technolog...
C0472 GENERAL-C0472 Datasheet
73Kb / 1P
Fire Alarm/Life Safety Cable
C0486 GENERAL-C0486 Datasheet
73Kb / 1P
Fire Alarm/Life Safety Cable
C0496 GENERAL-C0496 Datasheet
73Kb / 1P
Fire Alarm/Life Safety Cable
logo
Gamewell-FCI by Honeywe...
DACT-E3 GAMEWELL-FCI-DACT-E3_15 Datasheet
63Kb / 1P
Digital Alarm Communicator Transmitter
411 GAMEWELL-FCI-411 Datasheet
175Kb / 4P
Slave Digital Alarm Communicator Transmitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com