Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8468000000 Datasheet(PDF) 132 Page - List of Unclassifed Manufacturers

Part # 8468000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8468000000 Datasheet(HTML) 132 Page - List of Unclassifed Manufacturers

Back Button 8468000000 Datasheet HTML 128Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 129Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 130Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 131Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 132Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 133Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 134Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 135Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 136Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 164 page
background image
www.Rose-Bopla.com
130
7
9
11
13.5
16
21
29
Type
Material
Sealing insert
External insert
Ingress protection
Temperature range
Brass lock nut
Nickel-faced brass
-
-
-
-
Type
Material
External seal
Ingress protection
Temperature range
MS Blind Plug
Nickel-faced brass
O-Ring, NBR
IP 65
-40°F to +176°F
M 16 x 1.5
M 20 x 1.5
M 25 x 1.5
M 32 x 1.5
M 40 x 1.5
M 50 x 1.5
M 63 x 1.5
100
100
100
100
100
100
100
50
50
50
25
1
1
1
08040907 00
08040909 00
08040911 00
08040913 00
08040916 00
08040921 00
08040929 00
08090916 00
08090920 00
08090925 00
08090932 00
08090940 00
08090950 00
08090963 00
Type
Cable Ø
Pcs/Pack
Part Number
PG
Metric
7
9
11
13.5
16
21
29
36
42
M 16 x 1.5
M 20 x 1.5
M 25 x 1.5
M 32 x 1.5
M 40 x 1.5
M 50 x 1.5
M 63 x 1.5
100
100
100
100
100
100
50
25
25
50
50
50
25
1
1
1
08040607 00
08040609 00
08040611 00
08040613 00
08040616 00
08040621 00
08040629 00
08040636 00
08040642 00
08090416 00
08090420 00
08090425 00
08090432 00
08090440 00
08090450 00
08090463 00
Type
Cable Ø
Pcs/Pack
Part Number
PG
Metric
Brass Cable Glands EMC Versions
Type
Material
Sealing Inset
External Seal
Ingress Protection
Temperature Range
MS cable gland EMC
Nickel-faced brass
NBR
NBR
IP 68
-40°F to +212°F
briefly +248°F
7
9
11
13.5
16
21
29
36
42
48
M 12 x 1.5
M 16 x 1.5
M 20 x 1.5
M 25 x 1.5
M 32 x 1.5
M 40 x 1.5
50
50
50
50
50
50
25
1
1
1
50
50
50
25
25
25
08070007 00
08070009 00
08070011 00
08070013 00
08070016 00
08070021 00
08070029 00
08070036 00
08070042 00
08070048 00
08070112 00
08070116 00
08070120 00
08070125 00
08070132 00
08070140 00
Type
Cable Ø
Pcs/Pack
Part Number
PG
Brass Cable Glands EMC Versions
Metric



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com