Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8468000000 Datasheet(PDF) 133 Page - List of Unclassifed Manufacturers

Part # 8468000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8468000000 Datasheet(HTML) 133 Page - List of Unclassifed Manufacturers

Back Button 8468000000 Datasheet HTML 129Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 130Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 131Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 132Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 133Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 134Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 135Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 136Page - List of Unclassifed Manufacturers 8468000000 Datasheet HTML 137Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
131
Brass Cable Glands EMC Version
MEMV EMC Cable Glands
Brass Lock Nut EMC
Type
Material
Sealing Inset
External Seal
Ingress Protection
Temperature Range
Brass lock nut EMC
Nickel-faced brass
-
-
-
-
7
9
11
13.5
16
21
29
36
42
48
M 12 x 1.5
M 16 x 1.5
M 20 x 1.5
M 25 x 1.5
M 32 x 1.5
M 40 x 1.5
100
100
100
100
100
100
100
100
100
100
50
50
50
50
25
25
08070907 00
08070909 00
08070911 00
08070913 00
08070916 00
08070921 00
08070929 00
08070936 00
08070942 00
08070948 00
08070812 00
08070816 00
08070820 00
08070825 00
08070832 00
08070840 00
Type
Cable Ø
Model
Part Number
PG
Metric
Characteristics
Ingress Protection
Temperature Range
For fast, easy EMC connec-
tion of cables and leads with
the enclosure (via the contact
spring and the intermediate
connection of the screen
mesh). Integrated strain
relief, anti-twist protection.
IP 68
-4°F to +212°F
MEMV 16
MEMV 20
MEMV 25
MEMV 32
MEMV 40
M 16 x 1.5
M 20 x 1.5
M 25 x 1.5
M 32 x 1.5
M 40 x 1.5
5.0 - 9.0
9.0 - 13.0
11.0 - 16.0
14.0 - 21.0
19.0 - 27.0
12102200 00
12102300 00
12102400 00
12102500 00
12102600 00
Type
Connection Thread
Cable Diameter
Part Number
Metric
Brass Cable Glands EMC Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com