Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9409 Datasheet(PDF) 13 Page - Xicor Inc.

Part # X9409
Description  Quad Digitally Controlled Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9409 Datasheet(HTML) 13 Page - Xicor Inc.

Back Button X9409 Datasheet HTML 9Page - Xicor Inc. X9409 Datasheet HTML 10Page - Xicor Inc. X9409 Datasheet HTML 11Page - Xicor Inc. X9409 Datasheet HTML 12Page - Xicor Inc. X9409 Datasheet HTML 13Page - Xicor Inc. X9409 Datasheet HTML 14Page - Xicor Inc. X9409 Datasheet HTML 15Page - Xicor Inc. X9409 Datasheet HTML 16Page - Xicor Inc. X9409 Datasheet HTML 17Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
X9409 – Preliminary Information
Characteristics subject to change without notice.
13 of 21
REV 1.6 1/30/03
www.xicor.com
AC TIMING (over recommended operating condition)
HIGH-VOLTAGE WRITE CYCLE TIMING
Symbol
Parameter
Min.
Max.
Unit
fSCL
Clock frequency
400
kHz
tCYC
Clock cycle time
2500
ns
tHIGH
Clock high time
600
ns
tLOW
Clock low time
1300
ns
tSU:STA
Start setup time
600
ns
tHD:STA
Start hold time
600
ns
tSU:STO
Stop setup time
600
ns
tSU:DAT
SDA data input setup time
100
ns
tHD:DAT
SDA data input hold time
30
ns
tR
SCL and SDA rise time
300
ns
tF
SCL and SDA fall time
300
ns
tAA
SCL low to SDA data output valid time
900
ns
tDH
SDA data output hold time
50
ns
TI
Noise suppression time constant at SCL and SDA inputs
50
ns
tBUF
Bus free time (prior to any transmission)
1300
ns
tSU:WPA
WP, A0, A1, A2 and A3 setup time
0
ns
tHD:WPA
WP, A0, A1, A2 and A3 hold time
0
ns
Symbol
Parameter
Typ.
Max.
Unit
tWR
High-voltage write cycle time (store instructions)
5
10
ms
A.C. TEST CONDITIONS
EQUIVALENT A.C. LOAD CIRCUIT
Circuit #3 SPICE Macro Model
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing level
VCC x 0.5
5V
1533
Ω
100pF
SDA Output
10pF
RH
RTOTAL
CH
25pF
CW
CL
10pF
RW
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com