Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9409 Datasheet(PDF) 20 Page - Xicor Inc.

Part # X9409
Description  Quad Digitally Controlled Potentiometers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9409 Datasheet(HTML) 20 Page - Xicor Inc.

Back Button X9409 Datasheet HTML 13Page - Xicor Inc. X9409 Datasheet HTML 14Page - Xicor Inc. X9409 Datasheet HTML 15Page - Xicor Inc. X9409 Datasheet HTML 16Page - Xicor Inc. X9409 Datasheet HTML 17Page - Xicor Inc. X9409 Datasheet HTML 18Page - Xicor Inc. X9409 Datasheet HTML 19Page - Xicor Inc. X9409 Datasheet HTML 20Page - Xicor Inc. X9409 Datasheet HTML 21Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
X9409 – Preliminary Information
Characteristics subject to change without notice.
20 of 21
REV 1.6 1/30/03
www.xicor.com
PACKAGING INFORMATION
Ball Matrix:
X9409W/X9409Y
4321
A
RL1
A1
A2
RW0
B
RW1
SDA
WP
RL0
C
VSS
RH1
RH0
VCC
D
NC
RH2
RH3
NC
E
RW2
A3
NC
RL3
F
RL2
SCL
A0
RW3
Package Dimensions
Symbol
Min
Nominal
Max
Millimeters
Package Width
a
2.595
2.625
2.655
Package Length
b
3.814
3.844
3.874
Package Height
c
0.644
0.677
0.710
Body Thickness
d
0.444
0.457
0.470
Ball Height
e
0.200
0.220
0.240
Ball Diameter
f
0.300
0.320
0.340
Ball Pitch – Width
j
0.5
Ball Pitch – Length
k
0.5
Ball to Edge Spacing – Width
l
0.538
0.563
0.588
Ball to Edge Spacing – Length
m
0.647
0.672
0.697
24-Bump Chip Scale Package (CSP B24)
Package Outline Drawing
Top View (Sample Marking)
Bottom View (Bumped Side)
Side View
a
A4
A3
A2 A1
f
j
m
l
k
b
d
e
e
c
B4
B3
B2 B1
C4
C3
C2 C1
D4
D3
D2 D1
E4
E3
E2 E1
F4
F3
F2
F1
Side View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com