Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9421 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X9421
Description  Single Digitally Controlled (XDCP) Potentiometer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9421 Datasheet(HTML) 1 Page - Xicor Inc.

  X9421 Datasheet HTML 1Page - Xicor Inc. X9421 Datasheet HTML 2Page - Xicor Inc. X9421 Datasheet HTML 3Page - Xicor Inc. X9421 Datasheet HTML 4Page - Xicor Inc. X9421 Datasheet HTML 5Page - Xicor Inc. X9421 Datasheet HTML 6Page - Xicor Inc. X9421 Datasheet HTML 7Page - Xicor Inc. X9421 Datasheet HTML 8Page - Xicor Inc. X9421 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
REV 1.1.6 8/1/02
Characteristics subject to change without notice.
1 of 21
www.xicor.com
X9421
Single Digitally Controlled (XDCP) Potentiometer
FEATURES
• Single Voltage Potentiometer
• 64 Resistor Taps
• SPI Serial Interface for write, read, and transfer
operations of the potentiometer
• Wiper Resistance, 150
Ω Typical at 5V
• 4 Non-Volatile Data Registers
• Non-Volatile Storage of Multiple Wiper Positions
• Power On Recall. Loads Saved Wiper Position on
Power Up.
• Standby Current < 5µA Max
•VCC : 2.7V to 5.5V Operation
• 2.5K
Ω, 10KΩ End to End Resistance
• 100 yr. Data Retention
• Endurance: 100, 000 Data Changes per Bit per
Register
• 14-Lead TSSOP, 16-Lead SOIC
• Low Power CMOS
DESCRIPTION
The X9421 integrates a single digitally controlled
potentiometer
(XDCP)
on
a
monolithic
CMOS
integrated circuit.
The digital controlled potentiometer is implemented
using 63 resistive elements in a series array. Between
each element are tap points connected to the wiper
terminal through switches. The position of the wiper on
the array is controlled by the user through the SPI bus
interface. The potentiometer has associated with it a
volatile Wiper Counter Register (WCR) and a four non-
volatile Data Registers that can be directly written to
and read by the user. The contents of the WCR
controls the position of the wiper on the resistor array
though the switches. Powerup recalls the contents of
the default data register (DR0) to the WCR.
The
XDCP
can
be
used
as
a
three-terminal
potentiometer or as a two terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
BLOCK DIAGRAM
64-taps
10K
Ω
inc / dec
RH/VH
RL/VL
RW/VW
POT
VCC
VSS
SPI
bus
address
data
status
write
read
wiper
transfer
Power On Recall
Wiper Counter
Register (WCR)
Data Registers
4 Bytes
control
interface
Bus
Interface &
Control
Low Noise/Low Power/SPI Bus
APPLICATION NOTES
AVAILABLE
AN99 • AN115 • AN120 • AN124 • AN133 • AN134 • AN135


Similar Part No. - X9421

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
Single Digitally Controlled (XDCP) Potentiometer
September 23, 2005
X9421 INTERSIL-X9421 Datasheet
333Kb / 20P
Single Digitally Controlled (XDCP?? Potentiometer
January 14, 2009
X9421 INTERSIL-X9421 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
X9421 INTERSIL-X9421 Datasheet
333Kb / 20P
Single Voltage Potentiometer
logo
Renesas Technology Corp
X9421 RENESAS-X9421 Datasheet
805Kb / 20P
Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9421

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
Single Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
Single Digitally Controlled Potentiometer (XDCP)
October 7, 2005
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
Single Digitally Controlled (XDCP) Potentiometer
September 23, 2005
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
Single Digitally Controlled Potentiometer XDCP
September 1, 2009
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
Single Digitally-Controlled (XDCP?? Potentiometer
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
Single, Digitally Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
Single Digitally-Controlled (XDCP?? Potentiometer
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
Single Digitally Controlled Potentiometer(XDCP??
October 13, 2008
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
Single Digitally Controlled Potentiometer (XDCP??
November 21, 2007
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
Single Digitally-Controlled (XDCP ??) Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com