Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9421 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X9421
Description  Single Digitally Controlled (XDCP) Potentiometer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9421 Datasheet(HTML) 3 Page - Xicor Inc.

  X9421 Datasheet HTML 1Page - Xicor Inc. X9421 Datasheet HTML 2Page - Xicor Inc. X9421 Datasheet HTML 3Page - Xicor Inc. X9421 Datasheet HTML 4Page - Xicor Inc. X9421 Datasheet HTML 5Page - Xicor Inc. X9421 Datasheet HTML 6Page - Xicor Inc. X9421 Datasheet HTML 7Page - Xicor Inc. X9421 Datasheet HTML 8Page - Xicor Inc. X9421 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
X9421
REV 1.1.6 8/1/02
Characteristics subject to change without notice.
3 of 21
www.xicor.com
PIN CONFIGURATION
VCC
RL/VL
VSS
1
2
3
4
5
6
7
8
14
13
12
11
10
9
NC
RW/VW
SCK
CS
TSSOP
RH/VH
X9421
S0
NC
SI
HOLD
WP
A0
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SOIC
X9421
VCC
RL/VL
RW/VW
RH/VH
HOLD
WP
A0
NC
VSS
SCK
CS
NC
SI
SO
NC
NC
PIN ASSIGNMENTS
TSSOP pin
SOIC pin
Symbol
Brief Description
1
2
SO
Serial Data Output
2
3
NC
No Connect
3
NC
No Connect
44
CS
Chip Select
5
5
SCK
Serial Clock
6
6
SI
Serial Data Input
78
VSS
System Ground
89
WP
Hardware Write Protect
9
10
A0
Device Address
10
11
HOLD
Device select. Pause the serial bus.
11
12
RW / VW
Wiper Terminal of the Potentiometer.
12
13
RH / VH
High Terminal of the Potentiometer.
13
14
RL / VL
Low Terminal of the Potentiometer.
14
16
VCC
System Supply Voltage
1
NC
No Connect
7
NC
No Connect
15
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com