Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC50005 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # KBPC50005
Description  SINGLE PHASE 50AMP GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

KBPC50005 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  KBPC50005 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. KBPC50005 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. KBPC50005 Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Forward Voltage per element
@IF=25.0A
50.0
5006
Maximum Ratings and Electrical Characteristics
50005
Average Rectified Output Current (Note 1)@T =90
500
1.1
SINGLE PHASE
AMP GLASS PASSIVATED BRIDGE RECTIFIER
300
Plastic material-UL flammability 94V-0
C
Typical Junction Capacitance per leg (Note 2)
Peak Reverse Current
@T =25
At Rated DC Blocking Voltage
@T =125
A
50.0
5010
5008
5004
5001
Typical Thermal Resistance per leg
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
0.7
Single Phase, half wave, 60Hz, resistive or inductive load.
ambient temperature unless otherwise specified.
·
Lead Free: For RoHS / Lead Free Version
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Features
Mechanical Data
Polarity: As Marked on Case
Mounting Position: Any
Marking: Type Number
For capacitive load, derate current by 20%.
· Glass passivated die construction
Low forward voltage drop
· High current capability
· High surge current capability
·
·
·
·
·
·
Rating at 25℃
SYMBOL
V
VRWM
VDC
VRMS
35
70
140
280
420
560
700
VFM
RθJC
TJ,TSTG
℃
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
℃
℃
Operating and Storage Temperature Range
RMS Reverse Voltage
-55to+150
℃
uA
pF
℃/W
IR
10.0
500
A
V
IFSM
UNITS
V
V
A
1000
100
200
400
600
800
50
TYPE NUMBER
version:00
1 of 3
www.dyelec.com
A
J
dimensions in inches and (millimeters)
RRM
5002
KBPC50005 THRU KBPC5010
Case: KBPC,Molded Plastic
·
KBPC KBPC KBPC KBPC KBPC KBPC KBPC
A
t
I2t Rating for Fusing (t < 8.3ms)
2
2s
I
1037.5
C
Note:1. Mounted on 35mm x 35mm x 17mm Al Plate Heatsink.
IF(AV)
KBPC
HOLE
FOR
#10
SCREW
~
+
~
-
+
+
+
-
-
-


Similar Part No. - KBPC50005

ManufacturerPart #DatasheetDescription
logo
Dc Components
KBPC50005 DCCOM-KBPC50005 Datasheet
469Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBPC50005 DAESAN-KBPC50005 Datasheet
231Kb / 2P
CURRENT 50.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBPC50005 BILIN-KBPC50005 Datasheet
159Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
KBPC50005 YANGJIE-KBPC50005 Datasheet
923Kb / 2P
SINGLE PHASE15/25/35/50 AMPS. SILICON BRIDGE RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
KBPC50005 SEMTECH_ELEC-KBPC50005 Datasheet
261Kb / 2P
HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIERS
More results

Similar Description - KBPC50005

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
DIYI Electronic Technol...
GBJ50005A DYELEC-GBJ50005A Datasheet
4Mb / 3P
SINGLE PHASE 50AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
GBJL5006 SECOS-GBJL5006 Datasheet
290Kb / 2P
50Amp Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com