Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC50005 Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # KBPC50005
Description  SINGLE PHASE 50AMP GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

KBPC50005 Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  KBPC50005 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. KBPC50005 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. KBPC50005 Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GBPC50005 THRU GBPC5010
NUMBER OF CYCLES AT 60 Hz
15
e Current
0.02
30
3
0.3
60
45
30
1
10
100
0
350
200
150
100
50
250
300
400
0
50
100
150
0.8
1.2
0.6
0.4
1.0
1.4
1.6
PERCENT OF RATED PEAK REVERSE VOLTAGE
TA=25°C
100
600
10
0.1
0
40
60
80
100
120
140
20
Fig. 1 Output Current Derating Curve
Fig. 3 Maximum Peak Forward Surg
(per leg)
T = 25 C
Single Half Sine-Wave
Pulse Width = 8.3ms
(JEDEC Method)
A
°
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2Typical Forward Characteristics (per leg)
F
T= 25 C
Pulse Width = 300 s
A
°
µ
Fig. 4 Typical Junction Capacitance
version:00
2 of 3
www.dyelec.com
T , CASE TEMPERATURE( C)
C
°



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com