Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP07 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # FP07
Description  Thermometrics Fastip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

FP07 Datasheet(HTML) 1 Page - Amphenol Corporation

  FP07 Datasheet HTML 1Page - Amphenol Corporation FP07 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The NTC Type FP Series Fastip Thermoprobes
consist of small diameter glass-coated thermistor
beads hermetically sealed at the tips of shock
resistant glass rods. The small bead thermistor has
a very thin glass coating which allows for relatively
flat frequency response for flow applications. As
much of the bead as possible is exposed at the tip
of the glass rod to provide the fastest response
times. The units are rugged and unaffected by
severe environmental exposures, including high
density nuclear radiation.
The NTC Type FP Series Fastip Thermoprobes are
ideally suited for high speed measurement and
control of fluid temperatures, fluid level or flow.
They offer the ease of handling associated with
large glass probe thermistors as well as ultra-
fast response times of small glass coated bead
thermistors. These units exhibit relatively flat
response to flow input from 200 Hz to 1000 Hz.
Features
• Ultra-Fast Response Time
• Rugged, Unaffected by Severe Environmental
Exposures
• Relatively Flat Frequency Response
• Ease of Handling
Applications
• Sub-Sea Monitoring
• High Speed Fluid Temperature Measurement &
Control
• Industrial
NTC
Type FP07
Thermometrics Fastip
Probe Thermistor
Amphenol
Advanced Sensors


Similar Part No. - FP07

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
FP07 AMPHENOL-FP07 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Cooper Bussmann, Inc.
FP0705R1-R07-R COOPER-FP0705R1-R07-R Datasheet
430Kb / 4P
High Current, Low-Profile Power Inductors
FP0705R1-R10-R COOPER-FP0705R1-R10-R Datasheet
430Kb / 4P
High Current, Low-Profile Power Inductors
FP0705R1-R12-R COOPER-FP0705R1-R12-R Datasheet
430Kb / 4P
High Current, Low-Profile Power Inductors
FP0705R1-R15-R COOPER-FP0705R1-R15-R Datasheet
430Kb / 4P
High Current, Low-Profile Power Inductors
More results

Similar Description - FP07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DC95G104V ETC2-DC95G104V Datasheet
178Kb / 4P
Thermometrics Thermistors
logo
Amphenol Corporation
P20 AMPHENOL-P20 Datasheet
73Kb / 4P
Thermometrics
A990 AMPHENOL-A990 Datasheet
115Kb / 2P
Thermometrics Thermistors
RL1004-10K-0-S1 AMPHENOL-RL1004-10K-0-S1 Datasheet
48Kb / 2P
Thermometrics
DO35 AMPHENOL-DO35 Datasheet
95Kb / 8P
Thermometrics
SC30 AMPHENOL-SC30 Datasheet
56Kb / 4P
Thermometrics
YQS5838PTF AMPHENOL-YQS5838PTF Datasheet
194Kb / 2P
Thermometrics PTC Thermistors
ZTP-015 AMPHENOL-ZTP-015 Datasheet
96Kb / 2P
Thermometrics IR Sensor
ZTP-115ML AMPHENOL-ZTP-115ML Datasheet
94Kb / 2P
Thermometrics
ZTP-135BS AMPHENOL-ZTP-135BS Datasheet
199Kb / 4P
Thermometrics
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com