Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP07 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # FP07
Description  Thermometrics Fastip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

FP07 Datasheet(HTML) 2 Page - Amphenol Corporation

  FP07 Datasheet HTML 1Page - Amphenol Corporation FP07 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type FP07 Specifications
Thermal and Electrical Properties
The following table lists the thermal and electrical
properties for all large ruggedized thermobeads. All
definitions and test methods are per MIL-PRF-23648.
Thermistor Type
FP07
Maximum Diameter
0.085 in. (22 mm)
Body Length
0.5 in. (12.7 mm)
Lead Wires
Nominal Diameter
0.012 in. (0.30 mm)
Lead Length
0.875 in. (22 mm)
Lead Material
Tinned dumet
Material System
Code Letter
R vs T Curve
25/125 Ratio Nominal Resistance
Range (W) @ 77°F
(25°C)
E
0
5.0
-
A
1
11.8
300 to 600
A
2
12.5
680 k to 1.6 k
A
3
14.0
1.6 k to 3.6 k
A
4
16.9
3.6 k to 6.8 k
A
5
19.8
6.8 k to 27 k
A
6
22.1
-
A
7
22.7
27 k to 75 k
B
8
29.4
75 k to 130 k
B
9
30.8
130 k to 240 k
B
10
32.3
240 k to 360 k
B
11
35.7
360 k to 820 k
B
12
38.1
820 k to 13 M
B
13
45.0
1.3 M to 3.3 M
B
14
48.1
3.3 M to 6.8 M
B
15
56.5
6.8 M to 10 M
D
16
75.6
-
D
17
81.0
-
Resistance vs temperature characteristics: The nominal resistance range for the
zero-power resistance at 77°F (25°C) is shown for each thermobead type and
each available material system. Each material system is denoted by an ordering
code letter, a referenced curve number and the nominal 77°F/257°F (25°C/125°C)
resistance ratio.
NTC Type FP07 Dimensions
Thermistor Time Constant
FP07
Still Air at 77 °F (25°C)
Plunge into Water
0.10 sec
7 msec
Dissipation Constant
Still Air at 77 °F (25°C)
Still Water at 77 °F (25°C)
0.05 mW/°C
0.25 mW/°C
Power Rating (in air)
Maximum Power Rating
0.006 Watts
Ordering Information
The code number to be ordered may be specified as follows:
Code
Model Number
FP
07
Code
Probe Length
D
0.5 (12.7 mm)
(Other lengths available on special order)
Code
Material System Code
X
See Thermal and Electrical Properties
table
Code
Zero Power Resistance
103
See note below*
Code
Tolerance @ 77°F
(25°C)**
F
1
G
2
J
5
K
10
L
15
M
20
N
25
P
30
Q
40
R
50
S
Non-standard
(consult factory)
FP
___
____
____
____
____ Typical model number
*The zero-power resistance at 77°F (25°C), expressed in ohms (W), is identified by a three
digit number. The first two digits represent significant figures and the last digit specifies the
number of zeros to follow. Example: A Fastip probe with a 7 msec response time in water, 10
kW ±25% at 77°F (25°C) would be coded FP07DA103N.
**Special tolerances are available on request. To specify a non-standard tolerance, use the
letter ‘S’ followed by the desired tolerance (i.e., S7 = ±7%).
AAS-920-267C-03/2014
www.amphenol-sensors.com
© 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors
Maximum
Diameter
Ø 0.12 in. (0.3 mm) tinned dumet lead-wires
0.5 in.
(12.7 mm)
nominal
0.875 in.
(22 mm)
nominal
*Longer leads available upon request.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com