Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC11 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # GC11
Description  Thermometrics Glass Encapsulated NTC Chip Thermistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

GC11 Datasheet(HTML) 1 Page - Amphenol Corporation

  GC11 Datasheet HTML 1Page - Amphenol Corporation GC11 Datasheet HTML 2Page - Amphenol Corporation GC11 Datasheet HTML 3Page - Amphenol Corporation GC11 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description
Small glass encapsulated chip thermistors on fine
diameter platinum alloy lead wires.
Features
• Glass encapsulated bead thermistors.
• Suitable for temperature measurement,
control or compensation applications.
• Fast thermal response times.
• Suitable for self-heated applications such as
liquid level sensing or gas flow measurement.
• Operating temperatures range from -40°C to
+250°C.
• Unaffected by severe environmental
exposures, including nuclear radiation.
• Intermittent operation up to 450°C is
permissible; however, stability will be
degraded.
• Improved beta tolerance with respect to
glass encapsulated beads.
• RoHS compliant to 2002/95/CE.
Options
• Non-standard resistance tolerances and
values
• Reference temperature(s) other than 25°C -
specify.
• Custom packaging available.
• Welded or soldered extension leads - specify
lead material, diameter, length and insulation,
if any.
• Calibration - specify temperature(s).
• Interchangeable pairs or sets, curve
matching — specify temperature ranges and
tolerance(s).
• Special aging and conditioning for high
reliability applications.
Type GC11
GC14, GC16
Thermometrics Glass
Encapsulated NTC Chip
Thermistor
Amphenol
Advanced Sensors


Similar Part No. - GC11

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GC11 AMPHENOL-GC11 Datasheet
107Kb / 4P
Heavy ISONEL: for use to 356째F (180째C), excellent abrasion resistance, our standard coating
GC11 AMPHENOL-GC11 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Texas Instruments
GC1115 TI-GC1115 Datasheet
878Kb / 80P
Crest Factor Reduction Processor
GC1115 TI-GC1115 Datasheet
761Kb / 82P
Crest Factor Reduction Processor
GC1115IZDJ TI-GC1115IZDJ Datasheet
878Kb / 80P
Crest Factor Reduction Processor
More results

Similar Description - GC11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF51-A ETC2-MF51-A Datasheet
252Kb / 2P
MF51 Precision Glass Encapsulated NTC Thermistor for Temperature Measurement
logo
Abracon Corporation
ABNTC-0201 ABRACON-ABNTC-0201 Datasheet
1Mb / 3P
Chip NTC Thermistor
12.02.12
ABNTC-0402 ABRACON-ABNTC-0402 Datasheet
1Mb / 3P
Chip NTC Thermistor
05.05.14
ABNTC-0603 ABRACON-ABNTC-0603 Datasheet
1Mb / 3P
Chip NTC Thermistor
02.17.15
ABNTC-0805 ABRACON-ABNTC-0805 Datasheet
1Mb / 3P
Chip NTC Thermistor
05.05.14
logo
Amphenol Corporation
NDL102C2R1 AMPHENOL-NDL102C2R1 Datasheet
73Kb / 2P
Thermometrics Epoxy-Coated Chip Thermistor
NDM102C2R1 AMPHENOL-NDM102C2R1 Datasheet
71Kb / 2P
Thermometrics Epoxy-Coated Chip Thermistor
NDP102C2R1 AMPHENOL-NDP102C2R1 Datasheet
72Kb / 2P
Thermometrics Epoxy-Coated Chip Thermistor
NK501 AMPHENOL-NK501 Datasheet
76Kb / 2P
Thermometrics Epoxy-Coated Chip Thermistor
logo
C&B ELECTRONICS (SHENZH...
TCTR RESI-TCTR Datasheet
1,004Kb / 2P
NTC Chip Thermistor
2019/12/24
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com