Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC11 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # GC11
Description  Thermometrics Glass Encapsulated NTC Chip Thermistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

GC11 Datasheet(HTML) 2 Page - Amphenol Corporation

  GC11 Datasheet HTML 1Page - Amphenol Corporation GC11 Datasheet HTML 2Page - Amphenol Corporation GC11 Datasheet HTML 3Page - Amphenol Corporation GC11 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Thermal and Electrical Properties
Note: These thermal and electrical properties are for all small glass encapsulated thermistors. All definitions
and test methods are per MIL-PRF-23648.
Thermistor Series
GC11
GC14
GC16
Body Dimensions
Maximum Diameter
0.012”
0.016”
0.017”
Maximum Length
0.024”
0.032”
0.034”
Lead Wires
Nominal Diameter
0.0012”
Minimum Lead Length
0.156” for adjacent cut
0.312”
Lead Material
Platinum alloy
Available Cuts
“K” adjacent
“P” opposite
Material System
Code Letter
R-vs-T Curve
25/125 Ratio
Nominal Resistance Range @ 25°C
A
GC1
11.9
-
1000-2500 W
A
GC2
14.7
-
2500-7000 W
A
GC3
21.1
14004 W only for
adjacent cut,
9000 opposite cut
with 19.1 25/125 ratio
7500-30000 W
F
GC4
27.8
30-100 k W
B
GC9
30.9
100-200 k W
G
GC6
36.4
200-500 k W
D
GC10
41.1
-
500-1000 k W
D
GC11
46.1
-
1000-2000 k W
Thermal Time Constant
Still Air @ 25°C
0.65
1.2 seconds
Plunge into Water
12 milliseconds
16 milliseconds
Dissipation Constant
Still Air @ 25°C
0.07 mW/°C
0.12 mW/°C
Still Water @ 25°C
-
0.60 mW/°C
Power Rating (in air)
Maximum Power Rating
-
0.015 Watt
100% Maximum Power to:
-
75 °C
Derated to 0% at
-
250 °C
Resistance-Vs.-Temperature Characteristics
The nominal resistance range for the zero-power resistance at 25°C is shown for each available Material
System. Each Material System is denoted by an ordering Code Letter, a referenced curve number and the
nominal 25°C/125°C resistance ratio. The R-vs.-T curves are on the facing page.
Standard Tolerances
Tolerance Code Letter
G
J
K
L
M
N
S
±% Tolerance at 25 °C
2
5
10
15
20
25
Non-standard —
consult factory



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com