Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM831M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM831M
Description  LM831 Low Voltage Audio Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM831M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM831M Datasheet HTML 1Page - National Semiconductor (TI) LM831M Datasheet HTML 2Page - National Semiconductor (TI) LM831M Datasheet HTML 3Page - National Semiconductor (TI) LM831M Datasheet HTML 4Page - National Semiconductor (TI) LM831M Datasheet HTML 5Page - National Semiconductor (TI) LM831M Datasheet HTML 6Page - National Semiconductor (TI) LM831M Datasheet HTML 7Page - National Semiconductor (TI) LM831M Datasheet HTML 8Page - National Semiconductor (TI) LM831M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLH6754
December 1994
LM831 Low Voltage Audio Power Amplifier
General Description
The LM831 is a dual audio power amplifier optimized for
very low voltage operation The LM831 has two indepen-
dent amplifiers giving stereo or higher power bridge (BTL)
operation from two- or three-cell power supplies
The LM831 uses a patented compensation technique to re-
duce high-frequency radiation for optimum performance in
AM radio applications This compensation also results in
lower distortion and less wide-band noise
The input is direct-coupled to the LM831 eliminating the
usual coupling capacitor Voltage gain is adjustable with a
single resistor
Features
Y
Low voltage operation 18V to 60V
Y
High power 440 mW 8X BTL 3V
Y
Low AM radiation
Y
Low noise
Y
Low THD
Applications
Y
Portable tape recorders
Y
Portable radios
Y
Headphone stereo
Y
Portable speakers
Typical Application
Dual Amplifier with Minimum Parts
TLH6754 – 1
AVe46 dBBWe250 Hz to 35 kHz
POUT e 220 mWChRL e 4X
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM831M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM83 NSC-LM83 Datasheet
331Kb / 20P
Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM83 TI-LM83 Datasheet
337Kb / 22P
Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
LM83 TI2-LM83 Datasheet
387Kb / 22P
LM83 Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
November 1999
logo
National Semiconductor ...
LM8300 NSC-LM8300 Datasheet
319Kb / 20P
Four Wire Resistive Touchscreen Controller with Brownout
LM8300 NSC-LM8300 Datasheet
327Kb / 20P
Four Wire Resistive Touchscreen Controller with Brownout
More results

Similar Description - LM831M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2113 NJRC-NJM2113 Datasheet
156Kb / 4P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Allegro MicroSystems
3718 ALLEGRO-3718 Datasheet
88Kb / 6P
LOW-VOLTAGE AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
AZ386 ETC-AZ386 Datasheet
240Kb / 10P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_05 Datasheet
182Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
BCD Semiconductor Manuf...
AZ386 BCDSEMI-AZ386 Datasheet
164Kb / 11P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Linear Dimensions Semic...
LND386 LINEAR_DIMENSIONS-LND386 Datasheet
137Kb / 3P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
KA8602 UTC-KA8602 Datasheet
140Kb / 6P
LOW VOLTAGE AUDIO POWER AMPLIFIER
LM386 UTC-LM386_11 Datasheet
249Kb / 8P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
LM386D TGS-LM386D Datasheet
1Mb / 6P
Low Voltage Audio Power Amplifier
logo
Unisonic Technologies
LM386 UTC-LM386_15 Datasheet
319Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com