Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1503 Datasheet(PDF) 4 Page - Anachip Corp

Part # AP1503
Description  300Khz, 2.5A PWM Buck DC/DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1503 Datasheet(HTML) 4 Page - Anachip Corp

  AP1503 Datasheet HTML 1Page - Anachip Corp AP1503 Datasheet HTML 2Page - Anachip Corp AP1503 Datasheet HTML 3Page - Anachip Corp AP1503 Datasheet HTML 4Page - Anachip Corp AP1503 Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AP1503
300Khz, 2.5A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev 1.0 Sep. 29, 2004
4/5
Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Typ.
Limit
Unit
OUT
V
Output voltage
7V < VIN < 24V
0.2A < ILOAD < 2.5A
3.3
3.23/3.2
3.37/3.4
V
VMIN
VMAX
AP1503-3.3V
η
Efficiency
VIN = 12V, ILOAD=2A
79
%
Specifications with boldface type are for full operating temperature range, the other type are for TJ=25ºC.
Typical Application Circuit
17
6
3
4
7V
DC Input
Cin
Capacitor
FB
SD
D1
Schottky Diode
Vin
GND
VO
AP1503
-33
Co
Capacitor
Inductor
L1
3.3V/2.5A
Output Load
2
VB
D2
Schottky Diode
COMP
5
CC
CB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com