Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1503 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1503
Description  300Khz, 2.5A PWM Buck DC/DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1503 Datasheet(HTML) 1 Page - Anachip Corp

  AP1503 Datasheet HTML 1Page - Anachip Corp AP1503 Datasheet HTML 2Page - Anachip Corp AP1503 Datasheet HTML 3Page - Anachip Corp AP1503 Datasheet HTML 4Page - Anachip Corp AP1503 Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AP1503
300Khz, 2.5A PWM Buck DC/DC Converter
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev 1.0 Sep. 29, 2004
1/5
Features
- Output voltage: 3.3V
- 300KHz +15% fixed switching frequency
- Voltage mode non-synchronous PWM control
- Thermal-shutdown and current-limit protection
- ON/OFF shutdown control input
- Operating voltage can be up to 22V
- Output load current: 2.5A
- SOP-7L packages
- Low power standby mode
- Built-in switching transistor on chip
Applications
- Simple High-efficiency step-down regulator
- On-card switching regulators
- Positive to negative converter
- DSL Modems
- Portable Computers
- Regulated Wall Adapters
- Distributed Power
General Description
The AP1503 series are monolithic ICs designed for
step-down DC/DC converters, and own the ability
of driving a 2.5A load without additional transistor
components. Due to reducing the number of
external component, the board space can be saved
easily. The external shutdown function can be
controlled by logic level and then come into standby
mode. The external compensation makes feedback
control have good line and load regulation.
Regarding protected function, thermal shutdown is
to prevent over temperature operating from damage,
and current limit is against over current operating of
the output switch. The AP1503 series operates at a
switching frequency of 300KHz thus allowing
smaller sized filter components than what would be
needed with lower frequency switching regulators.
Other features include a guaranteed +2% tolerance
on output voltage under specified input voltage and
output load conditions, and +15% on the oscillator
frequency. The output version included fixed 3.3V,
5V. The packages are available in a standard
SOP-7 lead package.
Pin Assignment
SOP7 with Heat Sink
VB
VIN
COMP
SD
FB
GND
VO
7
6
5
2
3
4
1
Pin Descriptions
Name
Description
VIN
Operating voltage input
VB
Boost pin
SD
ON/OFF Shutdown
FB
Output voltage feedback control
COMP
Compensation pin
GND
Ground
VO
Switching output


Similar Part No. - AP1503

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501 ANACHIP-AP1501 Datasheet
129Kb / 7P
150 KHZ 3A PWM BUCK DC/DC CONVERTER
Rev. A7 Feb. 10, 2004
logo
Diodes Incorporated
AP1501 DIODES-AP1501 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
AP1501 DIODES-AP1501 Datasheet
410Kb / 13P
150KHZ, 3A PWM BUCK DC/DC CONVERTER
Rev. 14 - 2 March 2021
logo
Guangdong Youtai Semico...
AP1501 UMW-AP1501 Datasheet
3Mb / 13P
Simple high-efficiency step-down (buck) regulator
logo
Anachip Corp
AP1501-12K5 ANACHIP-AP1501-12K5 Datasheet
129Kb / 7P
150 KHZ 3A PWM BUCK DC/DC CONVERTER
Rev. A7 Feb. 10, 2004
More results

Similar Description - AP1503

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1518 ANACHIP-AP1518 Datasheet
193Kb / 12P
300KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
List of Unclassifed Man...
TD1507 ETC1-TD1507 Datasheet
381Kb / 11P
2.5A 150KHZ PWM Buck DC/DC Converter
logo
Anachip Corp
AP1519 ANACHIP-AP1519 Datasheet
172Kb / 9P
300KHz, 2A PWM Buck DC/DC Converter
Rev.1.0 Oct 5, 2004
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
SiGe Semiconductor, Inc...
AATIAN28 SIGE-AATIAN28 Datasheet
130Kb / 6P
1MHz 2.5A Buck DC/DC Converter
logo
List of Unclassifed Man...
XL4003 ETC2-XL4003 Datasheet
322Kb / 9P
4A 300KHz 32V Buck DC to DC Converter
XL4005 ETC2-XL4005 Datasheet
222Kb / 9P
5A 300KHz 32V Buck DC to DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD2676 TECHCODE-TD2676 Datasheet
589Kb / 15P
2.5A 52KHz 32V PWM Buck DC/DC Converter
logo
Bookly Micro electronic
BM1509HV BOOKLY-BM1509HV Datasheet
656Kb / 6P
PWM BUCK DC/DC CONVERTER
logo
XLSEMI
XL4012 XLSEMI-XL4012 Datasheet
183Kb / 9P
12A 300KHz 32V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com