Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

55PC Datasheet(PDF) 11 Page - TE Connectivity Ltd

Part # 55PC
Description  PROCESS-CONTROLLED WIRE AND CABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

55PC Datasheet(HTML) 11 Page - TE Connectivity Ltd

Back Button 55PC Datasheet HTML 7Page - TE Connectivity Ltd 55PC Datasheet HTML 8Page - TE Connectivity Ltd 55PC Datasheet HTML 9Page - TE Connectivity Ltd 55PC Datasheet HTML 10Page - TE Connectivity Ltd 55PC Datasheet HTML 11Page - TE Connectivity Ltd 55PC Datasheet HTML 12Page - TE Connectivity Ltd 55PC Datasheet HTML 13Page - TE Connectivity Ltd 55PC Datasheet HTML 14Page - TE Connectivity Ltd 55PC Datasheet HTML 15Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SPECIFICATION 55PC, ISSUE 8
Page 11 of 18
NOTE:
ANY PRINTED COPY OF THIS DOCUMENT
IS AN UNCONTROLLED COPY.
© 2008-2015 Tyco Electronics Corporation. All rights reserved.
TABLE 4. MANDRELS AND TEST LOADS FOR FINISHED WIRE
CROSSLINKED VERIFICATION
AWG
55PC011X
55PC021X, 55PC081X
55PC071X
Mandrel OD
(± 3%)
Test Load
(± 3%)
Mandrel OD
(± 3%)
Test Load
(± 3%)
Mandrel OD
(± 3%)
Test Load
(± 3%)
inch
(mm)
lbs
(kg)
inch
(mm)
lbs
(kg)
inch
(mm)
lbs
(kg)
30
0.25
(6.4)
0.25
(0.11)
28
0.25
(6.4)
0.25
(0.11)
26
0.38
(9.7)
0.25
(0.11)
0.38
(9.7)
1.0
(0.45)
24
0.38
(9.7)
0.50
(0.23)
0.50
(13)
1.5
(0.68)
1.00
(25)
4.0
(1.8)
22
0.50
(13)
0.75
(0.34)
0.50
(13)
2.0
(0.91)
1.00
(25)
4.0
(1.8)
20
0.50
(13)
1.0
(0.45)
0.50
(13)
3.0
(1.4)
1.00
(25)
6.0
(2.7)
18
0.50
(13)
1.0
(0.45)
0.75
(19)
4.0
(1.8)
1.00
(25)
6.0
(2.7)
16
0.75
(19)
1.5
(0.68)
1.00
(25)
4.0
(1.8)
1.25
(32)
7.0
(3.2)
14
1.00
(25)
2.0
(0.91)
1.00
(25)
6.0
(2.7)
1.25
(32)
7.0
(3.2)
12
1.50
(38)
3.0
(1.4)
1.50
(38)
6.0
(2.7)
2.00
(51)
8.0
(3.6)
10
2.00
(51)
3.0
(1.4)
2.00
(51)
6.0
(2.7)
2.00
(51)
8.0
(3.6)
8
3.00
(76)
4.0
(1.8)
3.00
(76)
8.0
(3.6)
6
4.00
(102)
4.0
(1.8)
4.00
(102)
8.0
(3.6)
4
5.00
(127)
8.0
(3.6)
2
6.00
(152)
12.0
(5.4)
1
8.00
(203)
12.0
(5.4)
0
8.00
(203)
12.0
(5.4)
00
10.0
(254)
16.0
(7.3)
000
10.0
(254)
16.0
(7.3)
0000
10.0
(254)
16.0
(7.3)
4.6.6
Examination of Product
Where requirements are not supported by specific test procedures, products shall be examined
to determine conformance to this specification and the applicable SCD.
4.6.7
Flammability
4.6.7.1
Test Apparatus
The test shall be performed within a test chamber approximately 1 foot (0.30 m) square by
2 feet (0.61 m) in height, open at the top and front to provide adequate ventilation for
combustion but to prevent drafts. The specimen holder shall be so designed that the lower end
of a 24-inch (610-mm) specimen is held by a clamp, while the upper end of the specimen
passes over a pulley and can be suitably weighted to hold the specimen taut at an angle of
60 degrees with the horizontal, in a plane parallel to and approximately 6 inches (152 mm)
from the back of the chamber. The test flame shall originate from a Bunsen type gas burner
with a 0.250-inch (6.4-mm) inlet, a needle valve in the base for gas adjustment, a nominal bore
of 0.375 inch (9.5 mm), and a barrel length of approximately 4 inches (102 mm) above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com