Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

55PC Datasheet(PDF) 13 Page - TE Connectivity Ltd

Part # 55PC
Description  PROCESS-CONTROLLED WIRE AND CABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

55PC Datasheet(HTML) 13 Page - TE Connectivity Ltd

Back Button 55PC Datasheet HTML 9Page - TE Connectivity Ltd 55PC Datasheet HTML 10Page - TE Connectivity Ltd 55PC Datasheet HTML 11Page - TE Connectivity Ltd 55PC Datasheet HTML 12Page - TE Connectivity Ltd 55PC Datasheet HTML 13Page - TE Connectivity Ltd 55PC Datasheet HTML 14Page - TE Connectivity Ltd 55PC Datasheet HTML 15Page - TE Connectivity Ltd 55PC Datasheet HTML 16Page - TE Connectivity Ltd 55PC Datasheet HTML 17Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SPECIFICATION 55PC, ISSUE 8
Page 13 of 18
NOTE:
ANY PRINTED COPY OF THIS DOCUMENT
IS AN UNCONTROLLED COPY.
© 2008-2015 Tyco Electronics Corporation. All rights reserved.
4.6.8
Fluoride Extraction
For finished wire or filler, prior to cabling, or for finished cable, approximately 0.5 gram of
insulation, filler, or jacket material, as applicable, shall be removed, cut into 3-inch (76-mm)
lengths and weighed to the nearest milligram. A polystyrene test tube (without its cap) shall
also be weighed to the nearest 0.1 gram. After filling with approximately 14 ml of distilled
water, the polystyrene test tube shall be reweighed. The insulation, filler, or jacket specimen
shall then be placed into the test tube, making sure that the specimen is fully submerged, and
the test tube cap is tightly attached. The test tube shall then be partially immersed in a
70 ± 2°C water bath so that the water levels of the bath and the test tube are equal. The test
tube shall be so conditioned for 168 hours with the set-up being periodically checked to make
sure that the specimen is still submerged. After conditioning, the test tube shall be removed
from the bath and allowed to cool. The cap shall then be removed from the test tube, and the
tube, water and specimen shall be weighed to determine the water weight loss. If the water
loss is more than 0.5 gram, the test shall be rerun. Otherwise, 5 ml of the test tube water shall
be analyzed for fluoride ion content using an Ion Chromatograph. The fluoride ion content
shall be reported in ppm of water and shall not exceed the amount specified in the applicable
SCD. A blank test in accordance with 4.6.8.1 should also be conducted in case the result is
needed for calculation purposes.
4.6.8.1
Blank Test
A blank test follows the same procedure as 0 except that a specimen is not included. What is
tested is the distilled water and the specimen tube. Ideally, there are no fluoride ions in either
the test tube or the distilled water such that the result for the blank test would be zero.
However, there may be a low non-zero result (i.e. 0.005 ppm). If this occurs, the ppm of
fluoride for the blank test must be subtracted from the ppm of fluoride obtained from the
specimen. A blank test also performs the same function as a calibration as it can indicate a
problem with the test procedure. For example, should the blank test produce a result of 15
ppm of fluoride, this would be an indication that the ion chromatograph is not functioning
correctly, tap water was used in place of distilled water, etc.
4.6.8.2
Calculation
If necessary, the blank test result shall be subtracted from the specimen result to obtain the net
fluoride ion content (ppm). The fluoride ion content of the insulation, filler, or jacket weight
shall then be calculated as follows:
F ion =
Net F ion (ppm) x Original water weight
Specimen weight
4.6.9
Insulation or Jacket Elongation and Tensile Strength
For wires, specimens of the entire insulation shall be carefully removed from the conductor
and tested for tensile strength and elongation in accordance with FED-STD-228, Methods
3021 and 3031, respectively, using 1-inch (25-mm) bench marks, a 1-inch (25-mm) initial jaw
separation, and a jaw separation speed of 2 inches (51 mm) per minute. For cables, the method
shall be the same, but only the cable jacket shall be tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com