Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS620U Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS620U
Description  Low-Voltage, -0.5째C Accuracy Digital Thermometer and Thermostat
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS620U Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS620U Datasheet HTML 1Page - Dallas Semiconductor DS620U Datasheet HTML 2Page - Dallas Semiconductor DS620U Datasheet HTML 3Page - Dallas Semiconductor DS620U Datasheet HTML 4Page - Dallas Semiconductor DS620U Datasheet HTML 5Page - Dallas Semiconductor DS620U Datasheet HTML 6Page - Dallas Semiconductor DS620U Datasheet HTML 7Page - Dallas Semiconductor DS620U Datasheet HTML 8Page - Dallas Semiconductor DS620U Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS620 Digital Thermometer and Thermostat
2 of 15
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
SDA
Data Input/Output Pin for serial communication. Open drain. (No diode connection to VDD).
2
SCL
Clock Input Pin for 2-wire serial communication.
3
PO
Programmable Output Pin. Open drain. (No diode connection to VDD).
4
GND
Ground Pin.
5
A2
Address Input Pin.
6
A1
Address Input Pin. Also serves as an input to trigger one-shot conversions during standalone use.
7
A0
Address Input Pin.
8
VDD
Supply Voltage Pin. +1.7V to +3.5V power supply pin.
Figure 1. Block Diagram
Memory Array
2-Wire Interface
Charge Pump
Temp. Core
Bandgap
ADC
POR
Digital Control
PO Pin
Control
Address Counter
Address/Command
Decode
Conversion Control
Configuration Register
TH, TL Registers
Digital Comparator
Temperature Register
User EEPROM Registers
Temperature Counter
Memory Interface Logic
PO
SCL
SDA
A2
A1
A0
DS620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com