Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS620U Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS620U
Description  Low-Voltage, -0.5째C Accuracy Digital Thermometer and Thermostat
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS620U Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS620U Datasheet HTML 1Page - Dallas Semiconductor DS620U Datasheet HTML 2Page - Dallas Semiconductor DS620U Datasheet HTML 3Page - Dallas Semiconductor DS620U Datasheet HTML 4Page - Dallas Semiconductor DS620U Datasheet HTML 5Page - Dallas Semiconductor DS620U Datasheet HTML 6Page - Dallas Semiconductor DS620U Datasheet HTML 7Page - Dallas Semiconductor DS620U Datasheet HTML 8Page - Dallas Semiconductor DS620U Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DS620 Digital Thermometer and Thermostat
4 of 15
AC ELECTRICAL CHARACTERISTICS
EEPROM AC Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EEPROM Write Cycle Time
TWR
-40°C to +85°C
10
ms
-40°C ≤ TA ≤ +85°C
(Note 1)
10k
20k
EEPROM Writes
NEEWR
TA = +25°C (Note 1)
40k
80k
writes
EEPROM Data Retention
tEEDR
-40°C to +125°C (Note 2)
10
years
2-Wire AC Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Frequency
fSCL
0
400
KHz
Bus Free Time Between a
STOP and START Condition
tBUF
1.3
µs
START and Repeat START
Hold Time from Falling SCL
tHD:STA
(Note 3, 4)
0.6
µs
Low Period of SCL
tLOW
(Note 3)
1.3
µs
High Period of SCL
tHIGH
(Note 3)
0.6
µs
Repeated START Condition
Setup Time to Rising SCL
tSU:STA
(Note 3)
0.6
µs
Data-Out Hold Time from
Falling SCL
tHD:DAT
(Note 3)
0
0.9
µs
Data-In Setup Time to Rising
SCL
tSU:DAT
(Note 3)
100
ns
Rise Time of SDA and SCL
tR
(Note 3, 5)
20 +
0.1xCB
1000
ns
Fall Time of SDA and SCL
tF
(Note 3, 5)
20 +
0.1xCB
300
ns
STOP Setup Time to Rising
SCL
TSU:STO
0.6
µs
Capacitive Load for Each BUS
Line
CB
400
pF
Input Capacitance
CI
10
pF
Spike Pulse Width that can be
Suppressed by Input Filter
0
50
ns
Note 1: VDD must be 2.0V to 3.5V.
Note 2: Write done at 25°C.
Note 3: All values referenced to 0.9 VDD and 0.1 VDD.
Note 4: After this period the first clock pulse is generated.
Note 5: For example, if CB = 300pF, then tR(MIN) = tF(MIN) = 50ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com