Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM84 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM84
Description  Diode Input Digital Temperature Sensor with Two-Wire Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM84 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM84 Datasheet HTML 1Page - National Semiconductor (TI) LM84 Datasheet HTML 2Page - National Semiconductor (TI) LM84 Datasheet HTML 3Page - National Semiconductor (TI) LM84 Datasheet HTML 4Page - National Semiconductor (TI) LM84 Datasheet HTML 5Page - National Semiconductor (TI) LM84 Datasheet HTML 6Page - National Semiconductor (TI) LM84 Datasheet HTML 7Page - National Semiconductor (TI) LM84 Datasheet HTML 8Page - National Semiconductor (TI) LM84 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Pin Descriptions
Label
Pin #
Function
Typical Connection
NC
1, 5, 9,
13, 16
Manufacturing test pins.
Left floating. PC board traces may be routed
through the pads for these pins. Although, the
components that drive these traces should share
the same supply as the LM84 so that the Absolute
Maximum Voltage at any Pin rating is not violated.
V
CC
2
Positive Supply Voltage
Input
DC Voltage from 3.0V to 3.6V
D+
3
Diode Current Source
To Diode Anode. Connected to remote discrete
diode or to the diode on the external IC whose die
temperature is being sensed.
D−
4
Diode Return Current
Sink
To Diode Cathode. Must be grounded when not
used.
ADD0–ADD1
10, 6
User-Set SMBus (I
2C)
Address Inputs
Ground (Low, “0”), V
CC (High, “1”) or open
(“TRI-LEVEL”)
GND
7, 8
Power Supply Ground
Ground
T_CRIT_A
11
Critical Temperature
Alarm, open-drain output
Pull Up Resistor, Controller Interrupt Line or
System Shutdown
SMBData
12
SMBus (I
2C) Serial
Bi-Directional Data Line,
open-drain output
From and to Controller, Pull Up Resistor
SMBCLK
14
SMBus (I
2C) Clock Input
From Controller
NC
15
No Connection
Left floating. PC board traces may be routed
through the pads for this pin.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com