Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM84 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM84
Description  Diode Input Digital Temperature Sensor with Two-Wire Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM84 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM84 Datasheet HTML 1Page - National Semiconductor (TI) LM84 Datasheet HTML 2Page - National Semiconductor (TI) LM84 Datasheet HTML 3Page - National Semiconductor (TI) LM84 Datasheet HTML 4Page - National Semiconductor (TI) LM84 Datasheet HTML 5Page - National Semiconductor (TI) LM84 Datasheet HTML 6Page - National Semiconductor (TI) LM84 Datasheet HTML 7Page - National Semiconductor (TI) LM84 Datasheet HTML 8Page - National Semiconductor (TI) LM84 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Logic Electrical Characteristics
DIGITAL DC CHARACTERISTICS
Unless otherwise noted, these specifications apply for V
CC=+3.0 to 3.6 Vdc. Boldface limits apply for TA =TJ =TMIN to
T
MAX; all other limits TA=TJ=+25˚C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
LM84B
LM84C
Units
(Note 6)
Limits
(Note 7)
Limits
(Note 7)
(Limit)
SMBData, SMBCLK
V
IN(1)
Logical “1” Input Voltage
2.1
1.4
V (min)
V
IN(0)
Logical “0”Input Voltage
0.8
0.6
V (max)
I
IN(1)
Logical “1” Input Current
V
IN =VCC
0.005
1.0
1.0
µA (max)
I
IN(0)
Logical “0” Input Current
V
IN = 0V
−0.005
−1.0
−1.0
µA (max)
ADD0, ADD1
V
IN(1)
Logical “1” Input Voltage
V
CC
1.6
1.6
V (min)
V
IN(0)
Logical “0”Input Voltage
GND
0.5
0.5
V (max)
I
IN(1)
Logical “1” Input Current
V
IN =VCC
50
600
600
µA (max)
I
IN(0)
Logical “0” Input Current
V
IN =0V
50
600
600
µA (max)
ALL DIGITAL INPUTS
C
IN
Input Capacitance
20
pF
ALL DIGITAL OUTPUTS
I
OH
High Level Output Current
V
OH =VCC
100
100
µA (max)
V
OL
SMBus Low Level Output
Voltage
I
OL =3 mA
I
OL =6 mA
0.4
0.6
0.4
0.6
V (max)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com