Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG418BAK/883 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG418BAK/883
Description  Precision CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG418BAK/883 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG418BAK/883 Datasheet HTML 1Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 2Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 3Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 4Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 5Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 6Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 7Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 8Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DG417B/418B/419B
Vishay Siliconix
New Product
Document Number: 72107
S-31538—Rev. B, 11-Aug-03
www.vishay.com
3
SPECIFICATIONSa
Test Conditions
Unless Otherwise Specified
A Suffix
- 55 to 125
_C
D Suffix
- 40 to 85
_C
Parameter
Symbol
V+ = 15 V, V - = - 15 V
VL = 5 V, VIN = 2.4 V, 0.8 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
-15
15
-15
15
V
Drain-Source
On-Resistance
rDS(on)
IS = -10 mA, VD = "12.5 V
V+ = 13.5 V, V - = - 13.5 V
Room
Full
15
25
34
25
29
W
IS(off)
V
16 5 V V
16 5 V
Room
Full
- 0.1
- 0.25
-20
0.25
20
- 0.25
-5
0.25
5
Switch Off
Leakage Current
ID( ff)
V+ = 16.5 V, V - = - 16.5 V
VD = #15.5 V
VS = "15.5 V
DG417B
DG418B
Room
Full
- 0.1
- 0.25
-20
0.25
20
- 0.25
-5
0.25
5
g
ID(off)
VS = "15.5 V
DG419B
Room
Full
- 0.1
- 0.75
-60
0.75
60
- 0.75
-12
0.75
12
nA
Channel On
ID( )
V+ = 16.5 V, V - = - 16.5 V
DG417B
DG418B
Room
Full
- 0.4
- 0.4
-40
0.4
40
- 0.4
-10
0.4
10
Channel On
Leakage Current
ID(on)
V+ = 16.5 V, V - = - 16.5 V
VS = VD = "15.5 V
DG419B
Room
Full
- 0.4
- 0.75
-60
0.75
60
- 0.75
-12
0.75
12
Digital Control
Input Current VIN Low
IIL
Full
- 0.5
0.5
- 0.5
0.5
mA
Input Current VIN High
IIH
Full
- 0.5
0.5
- 0.5
0.5
mA
Dynamic Characteristics
Turn-On Time
tON
RL = 300 W, CL = 35 pF
VS = "10 V
DG417B
DG418B
Room
Full
62
89
106
89
99
Turn-Off Time
tOFF
VS = "10 V
See Switching Time
Test Circuit
DG417B
DG418B
Room
Full
53
80
88
80
86
Transition Time
tTRANS
RL = 300 W, CL = 35 pF
VS1 = "10 V, VS2 = #10 V
DG419B
Room
Full
60
87
96
87
93
ns
Break-Before-Make
Time Delay
tD
RL = 300 W, CL = 35 pF
VS1 = VS2 = "10 V
DG419B
Room
16
3
3
Charge Injection
Q
CL = 10 nF, Vgen = 0 V, Rgen = 0 W
Room
4
pC
Off-Isolatione
OIRR
RL = 50 W, CL = 5 nF, f = 1 MHz
Room
-86
Channel-To-Channel
Crosstalke
XTALK
DG419B
Room
-87
dB
Source Off Capacitance
CS(off)
Room
12
Drain Off Capacitance
CD(off)
f = 1 MHz, VS = 0 V
DG417B
DG418B
Room
12
pF
Channel On
Capacitance
CD(on)
f = 1 MHz, VS = 0 V
DG417B
DG418B
Room
50
pF
Capacitance
f = 1 MHz, VS = 0 V
DG419B
Room
57
Power Supplies
Positive Supply
Current
I+
Room
Full
0.001
1
5
1
5
Negative Supply
Current
I-
V+ = 16 5 V V = 16 5 V
Room
Full
- 0.001
-1
-5
-1
-5
Logic Supply Current
IL
V+ = 16.5 V, V - = - 16.5 V
VIN = 0 or 5 V
Room
Full
0.001
1
5
1
5
mA
Ground Current
IGND
Room
Full
- 0.000
1
-1
-5
-1
-5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com