Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG418BAK/883 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG418BAK/883
Description  Precision CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG418BAK/883 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG418BAK/883 Datasheet HTML 1Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 2Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 3Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 4Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 5Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 6Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 7Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 8Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DG417B/418B/419B
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 72107
S-31538—Rev. B, 11-Aug-03
SPECIFICATIONSa FOR UNIPOLAR SUPPLIES
Test Conditions
Unless Otherwise Specified
A Suffix
- 55 to 125
_C
D Suffix
- 40 to 85
_C
Parameter
Symbol
V+ = 12 V, V - = 0 V
VL = 5 V, VIN = 2.4 V, 0.8 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
12
0
12
V
Drain-Source
On-Resistance
rDS(on)
IS = -10 mA, VD = 3.8 V
V+ = 10.8 V
Room
Full
26
35
52
35
45
W
Dynamic Characteristics
Turn-On Time
tON
RL = 300 W, CL = 35 pF, VS = 8 V
Room
Full
100
125
155
125
143
Turn-Off Time
tOFF
RL = 300 W, CL = 35 pF, VS = 8 V
See Switching Time Test Circuit
Room
Full
38
66
73
66
69
ns
Break-Before-Make
Time Delay
tD
RL = 300 W, CL = 35 pF
DG419B
Room
62
25
25
ns
Transition Time
tRANS
RL = 300 W, CL = 35 pF
VS1 = 0 V, 8 V, VS2 = 8 V, 0 V
Room
Full
95
119
153
119
141
Charge Injection
Q
CL = 10 nF, Vgen = 0 V, Rgen = 0 W
Room
3
pC
Power Supplies
Positive Supply
Current
I+
Room
Full
0.001
1
5
1
5
Negative Supply
Current
I-
V+ = 13.2 V, VL = 5.25 V
Room
- 0.001
-1
-5
-1
-5
mA
Logic Supply Current
IL
V+ = 13.2 V, VL = 5.25 V
VIN = 0 or 5 V
Room
0.001
1
5
1
5
mA
Ground Current
IGND
Room
- 0.001
-1
-5
-1
-5
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com