Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8664 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8664
Description  Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8664 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8664 Datasheet HTML 5Page - Analog Devices AD8664 Datasheet HTML 6Page - Analog Devices AD8664 Datasheet HTML 7Page - Analog Devices AD8664 Datasheet HTML 8Page - Analog Devices AD8664 Datasheet HTML 9Page - Analog Devices AD8664 Datasheet HTML 10Page - Analog Devices AD8664 Datasheet HTML 11Page - Analog Devices AD8664 Datasheet HTML 12Page - Analog Devices AD8664 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
AD8661/AD8662/AD8664
Rev. E | Page 9 of 16
TEMPERATURE (°C)
–40
0
450
400
350
300
250
200
150
100
50
120
100
80
40
60
20
0
–20
(VDD – VOH) AT VS = 16V
VOL AT VS = 16V
IL = 10mA
Figure 13. Output Swing Saturation Voltage vs. Temperature, IL = 10 mA
FREQUENCY (Hz)
10k
100k
1M
10M
–60
80
315
270
225
180
135
90
45
0
60
40
20
0
–20
–40
GAIN
PHASE
VS = 5V AND 16V
RL = 100kΩ
CL = 15pF
Figure 14. Open-Loop Gain and Phase Shift vs. Frequency
FREQUENCY (Hz)
100
1k
0.01
1k
100
10
1
0.1
10M
1M
100k
10k
VDD = 16V
AV = 1
AV = 100
AV = 10
Figure 15. Closed-Loop Output Impedance vs. Frequency
FREQUENCY (Hz)
100
1k
0
140
120
100
80
60
40
20
10M
1M
100k
10k
VS = 5V AND 16V
Figure 16. CMRR vs. Frequency
FREQUENCY (Hz)
1k
0
140
120
100
80
60
40
20
10M
1M
100k
10k
VS = 5V AND 16V
Figure 17. PSRR vs. Frequency
LOAD CAPACITANCE (pF)
10
0
70
60
50
40
30
20
10
1k
100
OS+
OS–
VS = ±2.5 AND ±8V
G = +1
RL = 100kΩ
Figure 18. Small Signal Overshoot vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com